Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7662 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP7662
Description  Evaluation Board Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7662 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP7662 Datasheet HTML 3Page - Sipex Corporation SP7662 Datasheet HTML 4Page - Sipex Corporation SP7662 Datasheet HTML 5Page - Sipex Corporation SP7662 Datasheet HTML 6Page - Sipex Corporation SP7662 Datasheet HTML 7Page - Sipex Corporation SP7662 Datasheet HTML 8Page - Sipex Corporation SP7662 Datasheet HTML 9Page - Sipex Corporation SP7662 Datasheet HTML 10Page - Sipex Corporation SP7662 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Feb21-07
SP7662 Evaluation Manual
©2007 Sipex Corporation
Page 8 of 11
Select the ratio of RZ2 / R1 gain for the desired gain bandwidth (we will use slightly higher than
30kHz @ 33kHz)


=
LC
fp
fco
Vin
pp
Vramp
R
RZ
_
max
_
_
1
2
=


=
4020
3928
7
33
12
1
1
2
kHz
kHz
V
V
R
RZ
Calculate CZ2 by placing the zero at ½ of the output filter pole frequency
LC
fp
RZ
CZ
_
2
1
2
=
π
nF
nF
kHz
CZ
10
11
7
4020
1
2
=
=
π
Calculate CP1 by placing the first pole at ESR zero frequency
)
_
2
(
2
1
1
ESR
fz
Rz
CP
=
π
pF
pF
KHz
CP
100
133
)
530
4020
(
2
1
1
=
=
π
Calculate RZ3 by setting the second pole at ½ of the switching frequency and the second zero
at the output filter double pole frequency
LC
fp
fs
LC
fp
R
RZ
_
2
)
_
(
)
1
(
2
3
=
=
=
453
489
7
2
300
)
7
(
)
10
(
2
3
kHz
KHz
kHz
k
RZ
Calculate CZ3 from RZ3 component value above
fs
RZ
CZ
=
3
1
3
π
pF
nF
KHz
CZ
2200
3
.
2
300
453
1
3
=
=
π
Choose 100pF
≤ CF1 ≤ 220pF to stabilize the SP7662ER internal Error Amplifier . For this
example let’s select 100pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com