Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7662 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP7662
Description  Evaluation Board Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7662 Datasheet(HTML) 3 Page - Sipex Corporation

  SP7662 Datasheet HTML 1Page - Sipex Corporation SP7662 Datasheet HTML 2Page - Sipex Corporation SP7662 Datasheet HTML 3Page - Sipex Corporation SP7662 Datasheet HTML 4Page - Sipex Corporation SP7662 Datasheet HTML 5Page - Sipex Corporation SP7662 Datasheet HTML 6Page - Sipex Corporation SP7662 Datasheet HTML 7Page - Sipex Corporation SP7662 Datasheet HTML 8Page - Sipex Corporation SP7662 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Feb21-07
SP7662 Evaluation Manual
©2007 Sipex Corporation
Page 3 of 11
Adjusting the Current downward is controlled by adjusting R8.


+
=
DCR)
(Imax
-
60mV
DCR)
(Imax
60mV)
-
(Vout
R4
R8
Equation 3
Where
DCR is the Inductor winding resistance
IMAX is the desired output current
Further details on the current limit can be found in the SP7662 data sheet.
For the Inter-Technical Inductor on this demo board DCR= 4.1m
Ω nominal.
POWER SUPPLY DATA
The SP7662ER is designed with an very accurate 2.0% reference over line, load and
temperature. Figure 1 data shows a typical SP7662 evaluation board efficiency plot, with
efficiencies up to 93% and output currents up to 12A. The output voltage ripple of less than
30mV at full load and the LX node are shown in figure 2. Figures 3 and 4 illustrate a 6A-to-12A
and 0A-to-12A Load Step. Short circuit and current limit are shown in Figures 5 and 6. Typical
startup characteristics into a full load and no load are shown in figures 7 and 8. All data was
taken at 12VIN.
While data on individual power supply boards may vary, the capability of the SP7662ER
of achieving high accuracy over a range of load conditions shown here is quite impressive and
desirable for accurate power supply design.
7662 Efficiency
12Vin - 3.3Vout - 12Amps
76.00
78.00
80.00
82.00
84.00
86.00
88.00
90.00
92.00
94.00
96.00
02
46
8
10
12
Iout (Amps)
Figure 1. Efficiency vs Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com