Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7663ER Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP7663ER
Description  Evaluation Board Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7663ER Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP7663ER Datasheet HTML 7Page - Sipex Corporation SP7663ER Datasheet HTML 8Page - Sipex Corporation SP7663ER Datasheet HTML 9Page - Sipex Corporation SP7663ER Datasheet HTML 10Page - Sipex Corporation SP7663ER Datasheet HTML 11Page - Sipex Corporation SP7663ER Datasheet HTML 12Page - Sipex Corporation SP7663ER Datasheet HTML 13Page - Sipex Corporation SP7663ER Datasheet HTML 14Page - Sipex Corporation SP7663ER Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Mar12-07 RevD
SP7663 Evaluation Board Manual
©2007 Sipex Corp.
Page 11 of 16
Calculate R2 base on the desired VOUT
1
8
.
1
2


=
V
Vout
R
R
=


=
K
K
V
V
K
R
5
.
21
79
.
21
1
8
.
3
.
3
1
.
68
2
Select the ratio of RZ2 / R1 gain for the desired gain bandwidth
(
)
fco
LC
Fp
ESR
Fz
Vin
pp
Vramp
R
RZ


=
2
_
_
max
_
_
1
2
=
=
K
K
Khz
Khz
Khz
V
K
RZ
75
89
.
75
60
2
.
7
13
5
.
13
1
1
.
68
2
2
Calculate CZ2 by placing the zero at 1/10 of the output filter pole frequency
LC
fp
RZ
CZ
_
2
2
1
.
1
2
=
π
pF
pF
Khz
K
CZ
330
294
2
.
7
75
2
1
.
1
2
=
=
π
Calculate CP1 by placing the second pole at ½ of the switching frequency
fs
RZ
CP
=
2
1
1
π
pF
pF
Khz
K
CP
10
07
.
7
600
75
1
1
=
=
π
Cf1 = 100pF to stabilize SP7663ER internal Error Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com