Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7663ER Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP7663ER
Description  Evaluation Board Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7663ER Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP7663ER Datasheet HTML 2Page - Sipex Corporation SP7663ER Datasheet HTML 3Page - Sipex Corporation SP7663ER Datasheet HTML 4Page - Sipex Corporation SP7663ER Datasheet HTML 5Page - Sipex Corporation SP7663ER Datasheet HTML 6Page - Sipex Corporation SP7663ER Datasheet HTML 7Page - Sipex Corporation SP7663ER Datasheet HTML 8Page - Sipex Corporation SP7663ER Datasheet HTML 9Page - Sipex Corporation SP7663ER Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Mar12-07 RevD
SP7663 Evaluation Board Manual
©2007 Sipex Corp.
Page 6 of 16
Figure 9. Voltage Mode Control Loop with Loop Dynamic for Type III Compensation
The simple guidelines for positioning the poles and zeros and for calculating the
component values for Type III compensation are as follows. As a particular example,
consider for the following SP7663EB with a Type III Voltage Loop Compensation
component selections:
Input requirements and inductor selection
Vin = 5 to 13.5V
Vout = 3.30V @ 0 to 6A load
Select L = 1.5uH => yield ≈ 48% of maximum 6A output current ripple.
Select Cout = 100uF Ceramic capacitor (RESR ≈ 4mΩ
Ω
Ω
Ω
)
fs = 600kHz SP7663 internal Oscillator Frequency
VRAMP_PP = 1.0V SP7663 internal Ramp Peak-to-Peak Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com