Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7663ER Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP7663ER
Description  Evaluation Board Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7663ER Datasheet(HTML) 2 Page - Sipex Corporation

  SP7663ER Datasheet HTML 1Page - Sipex Corporation SP7663ER Datasheet HTML 2Page - Sipex Corporation SP7663ER Datasheet HTML 3Page - Sipex Corporation SP7663ER Datasheet HTML 4Page - Sipex Corporation SP7663ER Datasheet HTML 5Page - Sipex Corporation SP7663ER Datasheet HTML 6Page - Sipex Corporation SP7663ER Datasheet HTML 7Page - Sipex Corporation SP7663ER Datasheet HTML 8Page - Sipex Corporation SP7663ER Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Mar12-07 RevD
SP7663 Evaluation Board Manual
©2007 Sipex Corp.
Page 2 of 16
USING THE EVALUATION BOARD
1) Powering Up the SP7663EB Circuit
Connect the SP7663 Evaluation Board with an external +12V power supply. Connect
with short leads and large diameter wire directly to the “VIN” and “GND2” posts. Connect
a Load between the VOUT and GND1 posts, again using short leads with large diameter
wire to minimize inductance and voltage drops.
2) Measuring Output Load Characteristics
It’s best to GND reference all scope and digital meters using the Star GND post in the
center of the board. VOUT ripple can best be seen by touching the probe tip to the pad
for C3 and the scope to the GND collar touching Star GND post – avoid a GND lead on
the scope which will increase noise pickup.
3) Using the Evaluation Board with Different Output Voltages
While the SP7663 Evaluation Board has been tested and delivered with the output set to
3.30V, by simply changing one resistor, R2, the SP7663 can be set to other output
voltages. The relationship in Equation 1 is based on a voltage divider from the output to
the feedback pin VFB, which is set to an internal reference voltage of 0.80V. Note, due to
the common mode voltage range of the current sense amplifier, output voltages greater
than 3.3V are only possible if the current sense is disabled. To disable current limit,
remove R3 and R4. Standard 1% metal film resistors of surface mount size 0603 are
recommended.
1)
.80V
VOUT
(
R1
R2
=
Equation1
Where R1 = 68.1KΩ and for VOUT = 0.80V setting, simply remove R2 from the board.
Furthermore, one could select the value of the R1 and R2 combination to meet the exact
output voltage setting by restricting R1 resistance range such that 50KΩ ≤ R1 ≤ 100KΩ
for overall system loop stability.
Note that since the SP7663 Evaluation Board design was optimized for 12V down
conversion to 3.30V, changes of output voltage and/or input voltage will alter
performance from the data given in the Power Supply Data section. In addition, the
SP7663ER provides short circuit protection by sensing VOUT at GND. The current limit of
the converter is set to about 9A which is accomplished by sensing the current through
the inductor. To adjust the current limit, follow Equations 2 and 3 to set the current limit
accordingly. The current limit should be set to about 50% higher than the maximum
output current that is desired. This will prevent the part from accidentally triggering the
current limit during large transient load steps.
Adjusting the current upwards is done by adjusting resistor R9.
60mV)
-
DCR
(
max
R4)
R3
(
60mV
R9
+
=
I
Equation 2
Where:
DCR is the Inductor winding resistance
IMAX
is the desired output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com