Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30CPQ080 Datasheet(PDF) 4 Page - International Rectifier

Part # 30CPQ080
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CPQ080 Datasheet(HTML) 4 Page - International Rectifier

  30CPQ080 Datasheet HTML 1Page - International Rectifier 30CPQ080 Datasheet HTML 2Page - International Rectifier 30CPQ080 Datasheet HTML 3Page - International Rectifier 30CPQ080 Datasheet HTML 4Page - International Rectifier 30CPQ080 Datasheet HTML 5Page - International Rectifier 30CPQ080 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
30CPQ080PbF, 30CPQ100PbF
Bulletin PD-20786 rev. A 09/06
4
www.irf.com
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
Fig. 5 - Max. Allowable Case Temperature
Vs. Average Forward Current (Per Leg)
Fig. 8 - Unclamped Inductive Test Circuit
Fig. 6 - Forward Power Loss Characteristics
(Per Leg)
145
150
155
160
165
170
175
180
0 2 4 6 8 10 12 14 16 18 20 22
DC
AverageForwardCurrent -I
(A)
F(AV)
R
(DC)=2.20°C/W
thJC
0
2
4
6
8
10
12
14
0 2 4 6 8 10 12 14 16 18 20 22
DC
F(AV)
D=0.08
D=0.17
D=0.25
D=0.33
D=0.50
RMSLimit
AverageForwardCurrent -I
(A)
100
1000
10
100
1000
10000
p
At Any Rated Load Condition
And With Rated V
Applied
Following Surge
RRM
Square Wave Pulse Duration - t (microsec)
FREE-WHEEL
DIODE
40HFL40S02
CURRENT
MONITOR
HIGH-SPEED
SWITCH
IRFP460
L
DUT
Rg = 25 ohm
Vd = 25 Volt
+



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com