Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30CPQ080 Datasheet(PDF) 6 Page - International Rectifier

Part # 30CPQ080
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CPQ080 Datasheet(HTML) 6 Page - International Rectifier

  30CPQ080 Datasheet HTML 1Page - International Rectifier 30CPQ080 Datasheet HTML 2Page - International Rectifier 30CPQ080 Datasheet HTML 3Page - International Rectifier 30CPQ080 Datasheet HTML 4Page - International Rectifier 30CPQ080 Datasheet HTML 5Page - International Rectifier 30CPQ080 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
30CPQ080PbF, 30CPQ100PbF
Bulletin PD-20786 rev. A 09/06
6
www.irf.com
IR WORLD HEADQUARTERS:
233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 09/06
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level and Lead-Free.
Qualification Standards can be found on IR's Web site.
Ordering Information Table
Device Code
1
5
24
3
1
-
Current Rating
2
-
Circuit Configuration
C = Common Cathode
3
-
Package
P = TO-247
4
-
Schottky "Q" Series
5
-
Voltage Code
6
-
none = Standard Production
PbF = Lead-Free
Tube Standard Pack Quantity : 25 pieces
30
C
P
Q
100 PbF
6
080 = 80V
100 = 100V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com