Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30CPQ080 Datasheet(PDF) 1 Page - International Rectifier

Part # 30CPQ080
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CPQ080 Datasheet(HTML) 1 Page - International Rectifier

  30CPQ080 Datasheet HTML 1Page - International Rectifier 30CPQ080 Datasheet HTML 2Page - International Rectifier 30CPQ080 Datasheet HTML 3Page - International Rectifier 30CPQ080 Datasheet HTML 4Page - International Rectifier 30CPQ080 Datasheet HTML 5Page - International Rectifier 30CPQ080 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
I
F(AV) Rectangular
30
A
waveform
V
RRM
80-100
V
I
FSM
@ tp = 5 μs sine
920
A
V
F
@15 Apk, T
J=125°C
0.67
V
(per leg)
T
J
- 55 to 175
°C
Characteristics
Values
Units
Major Ratings and Characteristics
Description/ Features
The 30CPQ...PbF center tap Schottky rectifier has been
optimized for low reverse leakage at high temperature. The
proprietary barrier technology allows for reliable operation up
to 175° C junction temperature. Typical applications are in
switching power supplies, converters, free-wheeling diodes,
and reverse battery protection.
175° C T
J operation
Center tap TO-247 package
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Lead-Free ("PbF" suffix)
SCHOTTKY RECTIFIER
30 Amp
30CPQ080PbF
30CPQ100PbF
Bulletin PD-20786 rev. A 09/06
1
www.irf.com
Case Styles
TO-247AC
30CPQ...PbF
Base
Common
Cathode
Anode
Anode
Common
Cathode
13
2
1
2
2
IF(AV) = 30Amp
VR = 80 -100V


Similar Part No. - 30CPQ080

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30CPQ080 IRF-30CPQ080 Datasheet
55Kb / 4P
SCHOTTKY RECTIFIER 30 Amp
logo
Vishay Siliconix
30CPQ080 VISHAY-30CPQ080 Datasheet
118Kb / 6P
Schottky Rectifier, 2 x 15 A
22-Aug-08
logo
Sangdest Microelectroni...
30CPQ080 SMC-30CPQ080 Datasheet
226Kb / 5P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
30CPQ080 SMCDIODE-30CPQ080 Datasheet
339Kb / 4P
30CPQ080/30CPQ100 SCHOTTKY RECTIFIER
Rev. A
logo
Inchange Semiconductor ...
30CPQ080 ISC-30CPQ080 Datasheet
300Kb / 2P
Schottky Rectifier
More results

Similar Description - 30CPQ080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com