Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32340C Datasheet(PDF) 1 Page - EPCOS

Part # B32340C
Description  Power Capacitors Power Factor Correction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32340C Datasheet(HTML) 1 Page - EPCOS

  B32340C Datasheet HTML 1Page - EPCOS B32340C Datasheet HTML 2Page - EPCOS B32340C Datasheet HTML 3Page - EPCOS B32340C Datasheet HTML 4Page - EPCOS B32340C Datasheet HTML 5Page - EPCOS B32340C Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Power Capacitors
B32340C
Power Factor Correction
Construction
Dielectric: Polypropylene film
Non PCB, biodegradable soft resin
Extruded round aluminum can with stud
Provided with discharge resistors
Features
Single phase
Naturally air cooled or forced air cooling
Indoor mounting
Typical applications
PFC and detuned systems
Terminals
Fast-on terminals
Mounting parts
Threaded stud at bottom of can
Max. torque = 10 Nm for M12 (Ø 63.5 mm)
FK PM PFC
December 2004
Page 1 of 6


Similar Part No. - B32340C

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32340C EPCOS-B32340C Datasheet
301Kb / 12P
Film capacitors - Power Factor Correction
logo
TDK Electronics
B32340C TDK-B32340C Datasheet
205Kb / 10P
Film Capacitors ??Power Factor Correction
logo
EPCOS
B32340C2001A820 EPCOS-B32340C2001A820 Datasheet
301Kb / 12P
Film capacitors - Power Factor Correction
B32340C2002A830 EPCOS-B32340C2002A830 Datasheet
301Kb / 12P
Film capacitors - Power Factor Correction
B32340C2011A720 EPCOS-B32340C2011A720 Datasheet
301Kb / 12P
Film capacitors - Power Factor Correction
More results

Similar Description - B32340C

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667-A4107-A375 EPCOS-B25667-A4107-A375 Datasheet
35Kb / 2P
Capacitors for Power Factor Correction
B25667-A6257-A375 EPCOS-B25667-A6257-A375 Datasheet
35Kb / 2P
Capacitors for Power Factor Correction
B25667-A6507-A375 EPCOS-B25667-A6507-A375 Datasheet
36Kb / 2P
Capacitors for Power Factor Correction
B32343C4011A540 EPCOS-B32343C4011A540 Datasheet
135Kb / 6P
Power Capacitors Power Factor Correction
logo
TDK Electronics
B25667C2397A175 TDK-B25667C2397A175 Datasheet
174Kb / 10P
Film Capacitors ??Power Factor Correction
B32344E4071A510 TDK-B32344E4071A510 Datasheet
344Kb / 10P
Film Capacitors ??Power Factor Correction
B32344E4122A500 TDK-B32344E4122A500 Datasheet
344Kb / 10P
Film Capacitors - Power Factor Correction
B32344E4202A000 TDK-B32344E4202A000 Datasheet
344Kb / 10P
Film Capacitors - Power Factor Correction
B32344E4202A010 TDK-B32344E4202A010 Datasheet
345Kb / 10P
Film Capacitors - Power Factor Correction
B32344E4251A040 TDK-B32344E4251A040 Datasheet
344Kb / 10P
Film Capacitors - Power Factor Correction
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com