Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32340C Datasheet(PDF) 4 Page - EPCOS

Part # B32340C
Description  Power Capacitors Power Factor Correction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32340C Datasheet(HTML) 4 Page - EPCOS

  B32340C Datasheet HTML 1Page - EPCOS B32340C Datasheet HTML 2Page - EPCOS B32340C Datasheet HTML 3Page - EPCOS B32340C Datasheet HTML 4Page - EPCOS B32340C Datasheet HTML 5Page - EPCOS B32340C Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Power Capacitors
B32340C
Power Factor Correction
Rated voltage: 230 VAC, 50 / 60 Hz
Type
50 Hz
60 Hz
CN
d x h
Weight
Output
kvar
IR
A
Output
kvar
IR
A
µF
mm
kg
Ordering code
MKP230-I-0.8
0.8
3.6
1.0
4.3
50
63.5 x 105
0.30
B32340C2002A830
MKP230-I-1.7
1.7
7.2
2.0
8.7
100
63.5 x 142
0.40
B32340C2012A730
MKP230-I-2.5
2.5
10.9
3.0
13.1
150
63.5 x 142
0.50
B32340C2022A530
Rated voltage: 400 VAC, 50 / 60 Hz
Type
50 Hz
60 Hz
CN
d x h
Weight
Output
kvar
IR
A
Output
kvar
IR
A
µF
mm
kg
Ordering code
MKP400-I-0.8
0.8
2.0
1.0
2.3
15
63.5 x 68
0.30
B32340C4001A880
MKP400-I-1.7
1.7
4.2
2.0
5.0
33
63.5 x 68
0.30
B32340C4012A700
MKP400-I-2.5
2.5
6.3
3.0
7.5
50
63.5 x 105
0.40
B32340C4022A500
MKP400-I-3.3
3.3
8.4
4.0
10.0
66
63.5 x 105
0.40
B32340C4032A300
MKP400-I-4.2
4.2
10.4
5.0
12.5
83
63.5 x 142
0.40
B32340C4051A000
MKP400-I-5.0
5.0
12.4
6.0
15.0
99
63.5 x 142
0.50
B32340C4052A000
Rated voltage: 415 VAC, 50 / 60 Hz
Type
50 Hz
60 Hz
CN
d x h
Weight
Output
kvar
IR
A
Output
kvar
IR
A
µF
mm
kg
Ordering code
MKP415-I-0.8
0.8
2.0
1.0
2.4
15
63.5 x 68
0.35
B32340C4002A810
MKP415-I-1.7
1.7
4.0
2.0
4.8
31
63.5 x 105
0.45
B32340C4012A710
MKP415-I-2.5
2.5
6.0
3.0
7.2
46
63.5 x 142
0.50
B32340C4022A510
MKP415-I-3.3
3.3
8.0
4.0
9.7
62
63.5 x 142
0.50
B32340C4032A310
MKP415-I-5.0
5.0
12.0
6.0
14.4
91
63.5 x 142
0.60
B32340C4052A010
Rated voltage: 440 VAC, 50 / 60 Hz
Type
50 Hz
60 Hz
CN
d x h
Weight
Output
kvar
IR
A
Output
kvar
IR
A
µF
mm
kg
Ordering code
MKP440-I-0.7
0.7
1.6
0.8
1.9
11
63.5 x 68
0.30
B32340C4001A840
MKP440-I-1.4
1.4
3.2
1.7
3.8
23
63.5 x 68
0.30
B32340C4011A740
MKP440-I-2.1
2.1
4.7
2.5
5.7
34
63.5 x 105
0.40
B32340C4021A540
MKP440-I-2.8
2.8
6.4
3.3
7.6
46
63.5 x 105
0.40
B32340C4031A340
MKP440-I-3.3
3.3
7.6
4.0
9.1
55
63.5 x 142
0.50
B32340C4032A340
MKP440-I-4.2
4.2
9.5
5.0
11.4
68
63.5 x 142
0.50
B32340C4051A040
MKP440-I-5.0
5.0
11.4
6.0
13.6
82
63.5 x 142
0.60
B32340C4052A040
Rated voltage: 480 VAC, 50 / 60 Hz
Type
50 Hz
60 Hz
CN
d x h
Weight
Ordering code
Output
kvar
IR
A
Output
kvar
IR
A
µF
mm
kg
MKP480-I-0.7
0.7
1.5
0.8
1.7
10
63.5 x 105
0.30
B32340C4001A880
MKP480-I-1.4
1.4
2.9
1.7
3.5
19
63.5 x 105
0.30
B32340C4011A780
MKP480-I-2.1
2.1
4.3
2.5
5.2
29
63.5 x 105
0.50
B32340C4021A580
MKP480-I-2.8
2.8
5.8
3.3
6.9
38
63.5 x 142
0.50
B32340C4031A380
FK PM PFC
December 2004
Page 4 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com