Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32340C Datasheet(PDF) 2 Page - EPCOS

Part # B32340C
Description  Power Capacitors Power Factor Correction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32340C Datasheet(HTML) 2 Page - EPCOS

  B32340C Datasheet HTML 1Page - EPCOS B32340C Datasheet HTML 2Page - EPCOS B32340C Datasheet HTML 3Page - EPCOS B32340C Datasheet HTML 4Page - EPCOS B32340C Datasheet HTML 5Page - EPCOS B32340C Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Power Capacitors
B32340C
Power Factor Correction
Technical data and specifications
Standard
IEC 831-1+2, IS: 13340/41
UL 810 5
th edition, cUL file E106388
Rated capacitance CN & QR
According to dimensions table
Tolerance (%)
-5 / +10
Rated voltage UR
According to dimensions table
Rated frequency fR
50/60 Hz
Mean life expectancy
Up to 100 000 operating hours
Maximum ratings
Maximum permissible overvoltage Umax
UR + 10% (up to 8 h daily)
UR + 15% (up to 30 min daily),
UR + 20% (up to 5 min daily)
UR + 30% (up to 1 min daily)
Maximum permissible overcurrent Imax
1.5 x IR (IR: rated current), including combined effects
of harmonics, overvoltages and capacitance
Number of switching operations
Max. 5 000 switchings per year according IEC 831
Transient inrush current (max) IS
Up to 200 x IR
Losses:
Dielectric
Total
< 0.2 W/kvar
< 0.45 W/kvar
Test voltage, terminal/terminal UTT
2.15 x UR , 10 s
Test voltage, terminal/case UTC
3 000 VAC, 10 s
Temperature class
-25/D
Max. temp. 55 °C
Max. mean 24 h = 45 °C
Max. mean 1 year = 35 °C
Safety
Self-healing technology, overpressure disconnector,
maximum allowed fault current 10 000 A in accordance
with UL 810-standard
Case/shape
Aluminum/cylindrical
Enclosure
IP00, IP20, optionally IP54
Permissible maximum humidity
95%
Maximum permissible altitude
4 000 m above sea level
Mounting position
Upright
Mounting and grounding
Threaded M12 (10 Nm / Ø 63.5mm)
FK PM PFC
December 2004
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com