Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7282ZP Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SAA7282ZP
Description  Terrestrial Digital Sound Decoder TDSD2
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7282ZP Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SAA7282ZP Datasheet HTML 9Page - NXP Semiconductors SAA7282ZP Datasheet HTML 10Page - NXP Semiconductors SAA7282ZP Datasheet HTML 11Page - NXP Semiconductors SAA7282ZP Datasheet HTML 12Page - NXP Semiconductors SAA7282ZP Datasheet HTML 13Page - NXP Semiconductors SAA7282ZP Datasheet HTML 14Page - NXP Semiconductors SAA7282ZP Datasheet HTML 15Page - NXP Semiconductors SAA7282ZP Datasheet HTML 16Page - NXP Semiconductors SAA7282ZP Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
July 1993
13
Philips Semiconductors
Product specification
Terrestrial Digital Sound Decoder (TDSD2)
SAA7282
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
Notes
1. All VDD and VSS connections must be made externally to the same power supply.
2. Electrostatic handling is equivalent to discharging a 100 pF capacitor via a 1.5 k
Ω series resistor with a 15 ns rise
time.
3. 1000 V VSSAL pin.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage (all supplies)
note 1
−0.5
+6.5
V
VI(max)
maximum input voltage (any input)
−0.5
VDD+0.5
V
VO(max)
maximum output voltage
−0.3
VDD+0.5
V
IIOK
DC input or output diode current
−±20
mA
IO(max)
output current (each output)
−±10
mA
Tamb
ambient operating temperature
0
+70
°C
Tstg
storage temperature
−55
+125
°C
Vstat
electrostatic handling
notes 2 and 3
−2000
+2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com