Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7282ZP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA7282ZP
Description  Terrestrial Digital Sound Decoder TDSD2
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7282ZP Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA7282ZP Datasheet HTML 1Page - NXP Semiconductors SAA7282ZP Datasheet HTML 2Page - NXP Semiconductors SAA7282ZP Datasheet HTML 3Page - NXP Semiconductors SAA7282ZP Datasheet HTML 4Page - NXP Semiconductors SAA7282ZP Datasheet HTML 5Page - NXP Semiconductors SAA7282ZP Datasheet HTML 6Page - NXP Semiconductors SAA7282ZP Datasheet HTML 7Page - NXP Semiconductors SAA7282ZP Datasheet HTML 8Page - NXP Semiconductors SAA7282ZP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
July 1993
2
Philips Semiconductors
Product specification
Terrestrial Digital Sound Decoder (TDSD2)
SAA7282
FEATURES
• Full EBU NICAM 728 specification decoder
• Microcomputer controlled via I2C-bus
• Automatic decoding and output configuration depending
upon transmission:
– digital stereo
– digital mono and data
– 2 independent mono signals
• On board RAM for de-interleaving and 10 to 14-bit word
expansion
• Automatic mute function which silences the digital data
and switches to FM sound (if valid) when error rate
exceeds user definable limit
• User mute function (MUTE pin) to enable user to
perform muting to their own software algorithm if
required, or to simply silence the output
• 4 times over-sampling digital filter
• Selectable digital de-emphasis
• 256 times over-sampling Noise Shapers
• Fully integrated 1-bit DACs
• Integrated switching networks allowing selection
between NICAM Sound, FM Sound or external
“Daisy-Chain” input
• Digital Audio Interface conforming with EBU/IEC 958
• I2C-bus transceiver enabling a master device to read
– status information
– error count byte
– additional data bits
and write:
– switch control codes
– decoder control
– upper and lower error rate limits.
APPLICATIONS
• Television receivers
• Video cassette recorders.
GENERAL DESCRIPTION
Performing all digital decoding functions for a NICAM 728
digital stereo sound system, the SAA7282 is a highly
integrated CMOS circuit which only requires a DQPSK
(Differential Quadrature Phase Shift Keying) demodulator
(TDA8732) and minimum external components to achieve
a full NICAM solution.
The device may also be interfaced to other DQPSK
demodulators.
QUICK REFERENCE DATA
ORDERING INFORMATION
Note
1. SAA7282ZP: 32-DIL32SHR; plastic (SOT232A); SOT232-1; 1996 November 28.
2. SAA7282GP: 44-QFP; plastic (SOT205AG); SOT205-1; 1996 November 28.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDD
positive supply voltage
4.5
5.0
5.5
V
IDD
supply current
−
50
100
mA
fXTAL
crystal frequency
−
8.192
−
MHz
Tamb
operating ambient temperature
0
−
70
°C
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
SAA7282ZP
32
DIL32SHR
plastic
SOT232A(1)
SAA7282GP
44
QFP
plastic
SOT205AG(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com