Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7282ZP Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SAA7282ZP
Description  Terrestrial Digital Sound Decoder TDSD2
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7282ZP Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SAA7282ZP Datasheet HTML 14Page - NXP Semiconductors SAA7282ZP Datasheet HTML 15Page - NXP Semiconductors SAA7282ZP Datasheet HTML 16Page - NXP Semiconductors SAA7282ZP Datasheet HTML 17Page - NXP Semiconductors SAA7282ZP Datasheet HTML 18Page - NXP Semiconductors SAA7282ZP Datasheet HTML 19Page - NXP Semiconductors SAA7282ZP Datasheet HTML 20Page - NXP Semiconductors SAA7282ZP Datasheet HTML 21Page - NXP Semiconductors SAA7282ZP Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
July 1993
18
Philips Semiconductors
Product specification
Terrestrial Digital Sound Decoder (TDSD2)
SAA7282
Fig.6 System block diagram showing SAA7282 with TDA8732.
handbook, full pagewidth
MLB157
FILTER
DAC
+
SWITCHES
NICAM
DECODER
AUTO - MUTE
DAI
I C
2
SAA7282
EXTL
EXTR
AUDIO
O/P R
AUDIO
O/P L
FML
FMR
ANALOG
FM SOUND
DOBM
PHILIPS DQPSK
DEMODULATOR
(TDA8732)
NIDEM
DATA
I C-bus
2
PCLK
13.104 MHz (I)
11.7 MHz (B/G)
COMPOSITE
VIDEO
8.192 MHz
6.552 MHz (I)
5.85 MHz (B/G)
SOUND
DEMODULATOR
(TDA3857)
6 MHz (I)
5.5 MHz (B/G)
VISION IF
DEMODULATOR
(TDA3852)
SAW
FILTER
TUNER
UHF
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com