Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7284ZP Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SAA7284ZP
Description  Terrestrial digital sound decoder for conventional intercarrier PLL-IF systems
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7284ZP Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SAA7284ZP Datasheet HTML 9Page - NXP Semiconductors SAA7284ZP Datasheet HTML 10Page - NXP Semiconductors SAA7284ZP Datasheet HTML 11Page - NXP Semiconductors SAA7284ZP Datasheet HTML 12Page - NXP Semiconductors SAA7284ZP Datasheet HTML 13Page - NXP Semiconductors SAA7284ZP Datasheet HTML 14Page - NXP Semiconductors SAA7284ZP Datasheet HTML 15Page - NXP Semiconductors SAA7284ZP Datasheet HTML 16Page - NXP Semiconductors SAA7284ZP Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
1996 Oct 24
13
Philips Semiconductors
Preliminary specification
Terrestrial digital sound decoder for
conventional intercarrier PLL-IF systems
SAA7284
I2C-bus slave receiver register map
Table 4
Slave receiver data byte
SUB-ADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
000
M1/M2
DMSEL
SSWIT3
SSWIT2
SSWIT1
PORT2
MUTEDEF
AMDIS
001
EMAX7
EMAX6
EMAX5
EMAX4
EMAX3
EMAX2
EMAX1
EMAX0
010
EMIN7
EMIN6
EMIN5
EMIN4
EMIN3
EMIN2
EMIN1
EMIN0
011
C4OV
MUTE
SILENCE
DAIE
FM3
FM2
FM1
FM0
100
ASYS
BG/I
NICLEV
STLOCK
−−
−
−
M1/M2
This bit selects either mono channel M1 or M2 to be the
output on the left and right channel dependent on the
transmitted control bits C1 and C2 indicating a mono
transmission and the value of bit DMSEL (see Table 5).
Power-on resets to logic 1.
DMSEL
DMSEL is the dual mono selection bit, for transmissions
consisting of two independent mono signals. Selection is
in conjunction with M1/M2 (see Table 5). Power on resets
to logic 0.
SSWIT1, SSWIT2 AND SSWIT3
These bits control the analog switching, selecting between
the FM, external, and NICAM signals. With the NICAM
source the signals select whether the de-emphasis is
performed and what gain is applied after the filtering and
de-emphasis stage. The signal states and their meaning
are listed in Table 7. Power-on resets to 010 with PORA
pin HIGH, and to 011 with PORA pin LOW.
PORT2
PORT2 controls a bit out, providing direct access to a
dedicated output pin (PORT2) via the I2C-bus.
See Table 6. Power-on resets to logic 0.
MUTEDEF
This defines the operation of the user definable MUTE pin
or MUTE I2C-bus bit when it is pulled LOW externally or set
LOW in the I2C-bus respectively.
When this bit is HIGH, pulling the MUTE pin/I2C-bus bit
LOW will mute (set to zero) the digital data and switch the
output to the FM input, depending on relevant control bits
(see Table 8). When this bit is LOW, pulling the MUTE
pin/I2C-bus bit LOW will only mute the digital data under
the same conditions. Power-on resets to LOW.
AMDIS
This bit enables and disables the automatic mute function.
Power-on resets to enabled = LOW.
EMAX7 TO EMAX0
This is the upper error limit register which defines the
number of errors in 128 ms period which will cause
automatic mute to switch IN. User definable, but power-on
resets to 50 (HEX).
EMIN7 TO EMIN0
This is the lower error limit register which defines the
number of errors in 128 ms period which will cause
automatic mute to switch OUT. User definable, but
power-on resets to 14 (HEX).
C4OV
When set LOW this bit overrides the status of the
transmitted C4-bit when muting. When this bit is HIGH
muting takes place in accordance with EBU specification.
Power-on resets to HIGH when the PORA pin is held LOW
during power-up, and power-on resets to LOW when
PORA is HIGH.
MUTE
This reflects the function of the MUTEB pin. When this bit
is set LOW the external MUTEB pin is pulled LOW and the
action is dependent on the MUTEDEF bit (see Table 8).
Power-on resets to HIGH.
SILENCE
When set LOW this bit silences the outputs of the device
by switching the input of the audio switching buffers to
analog ground. When the PORM pin is held LOW at
power-on reset the silence bit is initialized to zero.
With PORM bit HIGH the silence bit is initialized HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com