Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7284ZP Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SAA7284ZP
Description  Terrestrial digital sound decoder for conventional intercarrier PLL-IF systems
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7284ZP Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SAA7284ZP Datasheet HTML 17Page - NXP Semiconductors SAA7284ZP Datasheet HTML 18Page - NXP Semiconductors SAA7284ZP Datasheet HTML 19Page - NXP Semiconductors SAA7284ZP Datasheet HTML 20Page - NXP Semiconductors SAA7284ZP Datasheet HTML 21Page - NXP Semiconductors SAA7284ZP Datasheet HTML 22Page - NXP Semiconductors SAA7284ZP Datasheet HTML 23Page - NXP Semiconductors SAA7284ZP Datasheet HTML 24Page - NXP Semiconductors SAA7284ZP Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
1996 Oct 24
21
Philips Semiconductors
Preliminary specification
Terrestrial digital sound decoder for
conventional intercarrier PLL-IF systems
SAA7284
SYSTEM PERFORMANCE
Bit Error Rate (BER)
Table 17 shows input signal conditions which typically produce bit error rates of less than 10−3. Signal levels given in dB
are related to the picture carrier reference level (0 dB) and based on the output level of the set up as shown in Fig.8.
All measurements are at RF and using Philips Semiconductors SAA7284 Applications Board.
Table 17 System performance
Notes
1. Measurements made with colour bar at 100% modulation.
a) FM level =
−10 dB system I; −13 dB system BG.
b) NICAM level =
−20 dB (unless otherwise specified).
2. 10 dB sound shelf with extended bandwidth for NICAM signal.
3. 14 dB sound shelf with extended bandwidth for NICAM signal.
Acquisition time
Maximum acquisition time = 1 s, measured from power-on to reset in-sync condition achieved.
INPUT SIGNAL CONDITIONS(1)
SYSTEM I
SYSTEM BG
UNIT
SAW A(2)
SAW B(2)
SAW C(3)
Picture carrier RF level (FM deviation =
±50 kHz)
35
35
35
dB
NICAM level with respect to picture carrier (FM deviation =
±50 kHz)
−35
−34
−32
dB
FM overmodulation
>120
>100
>100
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com