Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7284ZP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA7284ZP
Description  Terrestrial digital sound decoder for conventional intercarrier PLL-IF systems
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7284ZP Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA7284ZP Datasheet HTML 1Page - NXP Semiconductors SAA7284ZP Datasheet HTML 2Page - NXP Semiconductors SAA7284ZP Datasheet HTML 3Page - NXP Semiconductors SAA7284ZP Datasheet HTML 4Page - NXP Semiconductors SAA7284ZP Datasheet HTML 5Page - NXP Semiconductors SAA7284ZP Datasheet HTML 6Page - NXP Semiconductors SAA7284ZP Datasheet HTML 7Page - NXP Semiconductors SAA7284ZP Datasheet HTML 8Page - NXP Semiconductors SAA7284ZP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
1996 Oct 24
2
Philips Semiconductors
Preliminary specification
Terrestrial digital sound decoder for
conventional intercarrier PLL-IF systems
SAA7284
FEATURES
• Single-chip solution including FM and vision filters,
analog demodulator and audio switching
• Dual standard with automatic selection between PAL
system I and BGH
• Suitable for conventional intercarrier PLL-IF
(single SAW) TV/VCR systems
• Single low-radiation crystal oscillator for improved EMC
• Stereo bitstream audio DACs
• Programmable attenuator for matching levels of NICAM
and FM audio sources at the output of the device
• Full EBU specification NICAM 728 demodulation and
decoding
• Digital Audio Interface conforming with EBU/IEC 958
• Automatic mute function which switches from NICAM to
FM sound when NICAM fails
• Compatible with either single-ended or differential
DQPSK input signals
• Microcomputer controlled via I2C-bus (up to 400 kHz
specification).
APPLICATIONS
• Television receivers
• Video cassette recorders.
GENERAL DESCRIPTION
Philips Semiconductors have pushed the boundaries of
Stereo Sound further with this addition to the successful
Terrestrial Digital Sound Decoder family. The SAA7284
device is an application specific version of the existing
SAA7283, with guaranteed improved specification on
selected parameters, enabling comparable RF
performance in conventional intercarrier PLL-IF systems,
to that of the SAA7283 in QSS systems.
The SAA7284 takes, as input, a second IF (intercarrier)
Terrestrial TV PAL signal, and performs all the Differential
Quadrature Phase Shift Keying (DQPSK) demodulation,
digital decoding and digital-to-analog conversion
necessary to produce a complete NICAM receiver on a
single integrated circuit.
The demodulator function includes integrated baseband
filters for pulse shaping and unwanted signal rejection,
automatic gain control, a low jitter integrated VCO, digital
monostables for precise data sampling points and a
multi-standard controller to enable automatic locking to
either a PAL system I or PAL system BGH input signal.
The decoder function performs the descrambling,
de-interleaving and reformatting operations required to
recover the original data words.
The data words are processed through a stereo digital
filter, digital de-emphasis network, second order noise
shaper and 256 times oversampling Bitstream audio DAC.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7284ZP
SDIP52
plastic shrink dual in-line package; 52 leads (600 mil)
SOT247-1
SAA7284GP
QFP64
plastic quad flat package; 64 leads (lead length 1.95 mm);
body 14
× 20 × 2.8 mm
SOT319-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com