Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ033EZ01ZP Datasheet(PDF) 9 Page - Sharp Corporation

Part # PQ033EZ01ZP
Description  SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ033EZ01ZP Datasheet(HTML) 9 Page - Sharp Corporation

Back Button PQ033EZ01ZP Datasheet HTML 3Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 4Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 5Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 6Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 7Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 8Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 9Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 10Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 11Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Low Power-Loss Voltage Regulators
PQxxxEZ5MZ Series/PQxxxEZ01Z Series
Fig.35 Circuit Operating Current vs. Input
Voltage (PQ018EZ01Z)
Fig.36 Circuit Operating Current vs. Input
Voltage (PQ025EZ01Z)
Fig.37 Circuit Operating Current vs. Input
Voltage (PQ030EZ01Z)
Fig.38 Circuit Operating Current vs. Input
Voltage (PQ033EZ01Z)
Fig.39 Quiescent Current vs. Junction
Temperature
Fig.40 Dropout Voltage vs. Junction
Temperature
Input voltage VIN (V)
0
10
20
05
34
2
1
VC=2.7V
Ta=Room temp.
CIN=0.33µF
CO=47µF
RL=1.8Ω (IO=1A)
RL=3.6Ω (IO=0.5A)
RL=∞Ω (IO=0A)
Input voltage VIN (V)
0
10
20
30
05
34
2
1
VC=2.7V
Ta=Room temp.
CIN=0.33µF
CO=47µF
RL=2.5Ω (IO=1A)
RL=5Ω (IO=0.5A)
RL=∞Ω (IO=0A)
Input voltage VIN (V)
0
10
20
30
05
34
2
1
VC=2.7V
Ta=Room temp.
CIN=0.33µF
CO=47µF
RL=∞Ω (IO=0A)
RL=3Ω (IO=1A)
RL=6Ω
(IO=0.5A)
Input voltage VIN (V)
0
10
20
30
05
34
2
1
VC=2.7V
Ta=Room temp.
CIN=0.33µF
CO=47µF
RL=∞Ω (IO=0A)
RL=3.3Ω (IO=1A)
RL=6.6Ω (IO=0.5A)
1.4
1.2
1
0.8
0.6
0.4
0.2
−50
125
100
75
50
25
0
−25
Junction temperature Tj (°C)
0
IO=0A
VC=2.7V
015:VIN=2.5V
018:VIN=2.8V
025:VIN=3.5V
030:VIN=4.0V
033:VIN=4.3V
PQxxxEZ01Z
PQxxxEZ5MZ
0
0.25
0.2
0.15
0.1
0.05
−50
−25
0
25
50
75
100
125
Junction temperature Tj (°C)
VIN=2.35V
VC=2.7V
PQ030EZ01Z:IO=0.5A
PQ033EZ01Z:IO=0.5A
PQ030EZ5MZ:IO=0.3A
PQ033EZ5MZ:IO=0.3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com