Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ033EZ01ZP Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ033EZ01ZP
Description  SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ033EZ01ZP Datasheet(HTML) 3 Page - Sharp Corporation

  PQ033EZ01ZP Datasheet HTML 1Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 2Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 3Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 4Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 5Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 6Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 7Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 8Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Low Power-Loss Voltage Regulators
PQxxxEZ5MZ Series/PQxxxEZ01Z Series
Fig.2
Test Circuit for Ripple Rejection
Fig.1
Test Circuit
Fig.3
Power Dissipation vs. Ambient
Temperature
Fig.4
Overcurrent Protection
Characteristics (PQ015EZ5MZ)
RL
IC
Iq
IO
VO
VC
+
0.33
µF
47
µF
VIN
A
A
3
2
5
1
V
A
IO
RL
VC
VIN
ei
eo
+
+
f
=120Hz (sine wave)
ei(rms)
=0.5V
VIN=VO(TYP)+2V
IO=0.3A
RR
=20log (ei(rms)/eo(rms))
2.7V
3
1
2
5
0.33
µF
47
µF
V
~
~
0
5
10
8
−40
−20
0
20406080
PD : With infinite heat sink
Ambient temperature Ta (°C)
Note) Oblique line portion:Overheat protection may operate in this area.
Output current IO (A)
0
0.3
0.6
0.9
1.2
1.5
0
0.2
0.4
0.6
0.8
1
1.2
0.1
0.3
0.5
0.7
0.9
1.1
VIN=2.35V
VIN=3V
VIN=3.3V
VIN=2.5V
VIN=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com