Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ033EZ01ZP Datasheet(PDF) 5 Page - Sharp Corporation

Part # PQ033EZ01ZP
Description  SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ033EZ01ZP Datasheet(HTML) 5 Page - Sharp Corporation

  PQ033EZ01ZP Datasheet HTML 1Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 2Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 3Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 4Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 5Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 6Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 7Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 8Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Low Power-Loss Voltage Regulators
PQxxxEZ5MZ Series/PQxxxEZ01Z Series
Fig.11 Overcurrent Protection
Characteristics (PQ025EZ01Z)
Fig.12 Overcurrent Protection
Characteristics (PQ030EZ01Z)
Fig.13 Overcurrent Protection
Characteristics (PQ033EZ01Z)
Fig.14 Output Voltage vs. Ambient Temperature
(PQ015EZ5MZ/PQ015EZ01Z)
Fig.15 Output Voltage vs. Ambient Temperature
(PQ018EZ5MZ/PQ018EZ01Z)
Fig.16 Output Voltage vs. Ambient Temperature
(PQ025EZ5MZ/PQ025EZ01Z)
Output current IO (A)
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
2
VIN=3V
VIN=3.3V
VIN=3.6V
VIN=5V
VIN=4.5V
Output current IO (A)
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
VIN=10V
VIN=7V
VIN=5.5V
VIN=5V
VIN=4.5V
Output current IO (A)
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
VIN=10V
VIN=7V
VIN=5.5V
VIN=5V
VIN=4.5V
1.45
1.46
1.47
1.48
1.49
1.5
1.51
1.52
1.53
1.54
1.55
−50
−25
0
25
50
75
100
125
Ambient temperature Ta (°C)
VIN=2.5V
VC=2.7V
PQ015EZ01Z:IO=0.5A
PQ015EZ5MZ:IO=0.3A
1.75
1.76
1.77
1.78
1.79
1.8
1.81
1.82
1.83
1.84
1.85
−50
−25
0
25
50
75
100
125
Ambient temperature Ta (°C)
VIN=2.8V
VC=2.7V
PQ018EZ01Z:IO=0.5A
PQ018EZ5MZ:IO=0.3A
2.475
2.48
2.485
2.49
2.495
2.5
2.505
2.51
2.515
2.52
2.525
−50
−25
0
25
50
75
100
125
Ambient temperature Ta (°C)
VIN=3.5V
VC=2.7V
PQ025EZ01Z:IO=0.5A
PQ025EZ5MZ:IO=0.3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com