Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS5105 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS5105
Description  500mA CMOS LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS5105 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS5105 Datasheet HTML 1Page - Advanced Monolithic Systems AMS5105 Datasheet HTML 2Page - Advanced Monolithic Systems AMS5105 Datasheet HTML 3Page - Advanced Monolithic Systems AMS5105 Datasheet HTML 4Page - Advanced Monolithic Systems AMS5105 Datasheet HTML 5Page - Advanced Monolithic Systems AMS5105 Datasheet HTML 6Page - Advanced Monolithic Systems AMS5105 Datasheet HTML 7Page - Advanced Monolithic Systems AMS5105 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
Advanced
AMS5105
Monolithic
500mA CMOS LOW DROPOUT VOLTAGE REGULATOR
Systems
RoHS compliant
FEATURES
APPLICATIONS
• Fixed and Adjustable Versions Available
• Cellular Telephones
• Output Current up to 500mA
• Portable Consumer Equipment
• Very Low Quiescent Current
• Portable (Notebook) Computers
• Input-output Differential less than 0.5V
• Battery Powered Systems
• Short Circuit Protection
• Portable Instrumentation
• Internal Thermal Overload Protection
• Radio Control Systems
• ENABLE Pin available in selected packages
• CD/DVD drives
GENERAL DESCRIPTION
The AMS5105 series consists of positive fixed and adjustable voltage regulators ideally suited for use in battery-powered
systems. These devices feature very low quiescent current (500uA or less) when supplying loads up to 500mA, and a standby
current less than 500nA when disabled using the ENABLE pin (available in selected packages). These unique characteristics
and the low input-output differential required for proper regulation (0.5V for output currents of 500mA) make the AMS5105
ideal for use in standby power systems. Internal current limiting and thermal shutdown features provide protection for all
AMS5105 series devices regardless of package type. The AMS5105 is offered as fixed voltage regulators in the 5 lead SOT-23,
SOT-89, SOT-223, and 8 lead SOIC packages, and as adjustable voltage regulators in the 5 lead SOT-23 and 8 lead SOIC
packages. All devices in the 5 lead SOT-23 and 8 lead SOIC packages are provided with ENABLE pin.
ORDERING INFORMATION
OUTPUT
PACKAGE TYPE
TEMP.
VOLTAGE
5L SOT-23
SOT-89
SOT-223
SO-8
RANGE
FIXED
AMS5105M1-X
AMS5105L-X
AMS5105-X
AMS5105S-X
-25C to 125C
ADJUSTABLE
AMS5105M1
AMS5105S
-25C to 125C
X = 1.5V, 1.8V, 2.5V, 2.8V, 3.3V.
PIN CONNECTIONS
5 Lead SOT-23
(M1)
SOT-89
(L)
SOT-223
8 Lead SOIC
(S)
V
IN
V
OUT
ENABLE
FB
N/C
GROUND
1
2
5
3
4
12
3
GND
V
OUT
V
IN
12
3
GND
V
OUT
V
IN
ENABLE
N/C
V
OUT
FB
N/C
V
IN
GROUND
GROUND
GROUND
GROUND
1
2
8
4
3
7
5
6
Top View
Top View
Top View
Top View


Similar Part No. - AMS5105

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
AMS5105 WOLFSPEED-AMS5105 Datasheet
253Kb / 8P
Pressure sensor with one analog and two switching outputs
May 2012 Rev. 2.0
logo
Analog Microelectronics...
AMS5105 ANALOGMICRO-AMS5105 Datasheet
254Kb / 8P
Pressure sensor with one analog and two switching outputs
May 2012
More results

Similar Description - AMS5105

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013 Datasheet
116Kb / 3P
500mA CMOS Low Dropout Voltage Regulator
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
500mA Low Dropout Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
500mA Low Dropout Voltage Regulator
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com