Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS5105 Datasheet (PDF) - Analog Microelectronics GmbH

AMS5105 Datasheet PDF - Analog Microelectronics GmbH
Part # AMS5105
Download  AMS5105 Download
File Size   254.18 Kbytes
Page   8 Pages
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH
Description Pressure sensor with one analog and two switching outputs

AMS5105 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS5105 Datasheet PDF - Analog Microelectronics GmbH

Part # AMS5105
Download  AMS5105 Click to download

File Size   254.18 Kbytes
Page   8 Pages
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH
Description Pressure sensor with one analog and two switching outputs

AMS5105 Datasheet (HTML) - Analog Microelectronics GmbH


AMS5105 Product details

FEATURES
• Combined pressure sensor and switch
• Calibrated and temperature compensated
• Analog voltage output of 0.5 to 4.5V
(ratiometric)
• Two programmable logic switching outputs
of 0/5 V, configurable as normally open,
normally close or in window mode
• Threshold, hysteresis and delay can be set
individually for each switching output
• Differential/relative, bidirectional differential,
absolute and barometric versions
• High accuracy up to 0.5% at RT
• Small overall error within a temperature
range of -25 ... 85°C
• Supply voltage range 4.75…5.25V
• High long term stability
• Small DIP package
• Ready to use
• RoHS compliant

GENERAL DESCRIPTION
The pressure sensors/switches in the AMS 5105
series combine a high-precision OEM pressure
sensor with a programmable pressure switch in
one package. AMS 5105 has one analog voltage
output and two independent logic switching
outputs. The analog voltage output is ratiometric to
the supply voltage of 5 V. The switching outputs
are software configurable as normally open,
normally closed or in window mode; thresholds and
hysteresis can be set individually. The pressure
sensors/switches are calibrated and compensated
for across a temperature range of -25 to +85°C.
AMS 5105 comes in a dual in-line package (DIP)
for assembly on printed circuit boards (PCBs). The
electrical connection is made via the DIP solder
pins; pressure is connected via two vertical metal
tubes.
AMS 5105 is available for various applications and
pressure ranges: differential (relative) devices in
ranges from 0…5 mbar up to 0…7 bar, two
absolute pressure variants for 0…1 bar and 0…2
bar and a barometric variant. Bidirectional
differential devices are available in different ranges
from -5…+5 mbar up to -1…+1 bar. Other pressure
ranges or customized modifications are available
on request.

TYPICAL APPLICATIONS
• Pressure measurement/control
• Vacuum measurement/control
• Process control
• Gas flow
• Fluid level measurement
• Medical instrumentation
• Heating, Ventilation and Air Conditioning
(HVAC)




Similar Part No. - AMS5105

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS5105 ADMOS-AMS5105 Datasheet
360Kb / 8P
500mA CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
WOLFSPEED, INC.
AMS5105 WOLFSPEED-AMS5105 Datasheet
253Kb / 8P
Pressure sensor with one analog and two switching outputs
May 2012 Rev. 2.0
logo
Advanced Monolithic Sys...
AMS5105-X ADMOS-AMS5105-X Datasheet
360Kb / 8P
500mA CMOS LOW DROPOUT VOLTAGE REGULATOR
AMS5105L-X ADMOS-AMS5105L-X Datasheet
360Kb / 8P
500mA CMOS LOW DROPOUT VOLTAGE REGULATOR
AMS5105M1 ADMOS-AMS5105M1 Datasheet
360Kb / 8P
500mA CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Similar Description - AMS5105

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2645 NSC-LM2645 Datasheet
497Kb / 20P
Advanced Two-Phase Switching Controller With Two Linear Outputs
logo
Infineon Technologies A...
KP219N3621 INFINEON-KP219N3621 Datasheet
1Mb / 25P
Analog Absolute Pressure Sensor
Revision 1.0, 2010-09-13
KP229E3518 INFINEON-KP229E3518 Datasheet
1Mb / 25P
Analog Absolute Pressure Sensor
Revision 1.0, 2010-09-27
KP229L2920 INFINEON-KP229L2920 Datasheet
1Mb / 25P
Analog Absolute Pressure Sensor
Revision 1.0, 2010-06-29
KP229E3111 INFINEON-KP229E3111 Datasheet
1Mb / 25P
Analog Absolute Pressure Sensor
Revision 1.0, 2012-07-27
logo
PHOENIX CONTACT
6655 PHOENIX-6655 Datasheet
522Kb / 17P
Inline terminal with two analog outputs
logo
Bosch Sensortec GmbH
BMD040 BOSCH-BMD040 Datasheet
323Kb / 15P
Analog pressure sensor
logo
Analog Microelectronics...
AMS5812 ANALOGMICRO-AMS5812 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Analog and I2C Output
Rev. 3.0
logo
WOLFSPEED, INC.
AMS5105 WOLFSPEED-AMS5105 Datasheet
253Kb / 8P
Pressure sensor with one analog and two switching outputs
May 2012 Rev. 2.0
AMS5812 WOLFSPEED-AMS5812 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Analog and I2C Output
AMS 5812 Rev. 3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com