Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS5105 Datasheet(PDF) 4 Page - Analog Microelectronics GmbH

Part # AMS5105
Description  Pressure sensor with one analog and two switching outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AMS5105 Datasheet(HTML) 4 Page - Analog Microelectronics GmbH

  AMS5105 Datasheet HTML 1Page - Analog Microelectronics GmbH AMS5105 Datasheet HTML 2Page - Analog Microelectronics GmbH AMS5105 Datasheet HTML 3Page - Analog Microelectronics GmbH AMS5105 Datasheet HTML 4Page - Analog Microelectronics GmbH AMS5105 Datasheet HTML 5Page - Analog Microelectronics GmbH AMS5105 Datasheet HTML 6Page - Analog Microelectronics GmbH AMS5105 Datasheet HTML 7Page - Analog Microelectronics GmbH AMS5105 Datasheet HTML 8Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AMS 5105
Pressure sensor with one analog and two switching outputs
May 2012 - Rev. 2.0
Page 4/8
www.analogmicro.de
Parameter
Minimum
Typical
Maximum
Units
Long term stability
<0.5
%FSO/a
Supply voltage (VS )
4.75
5
5.25
V
Current consumption (switching outputs open)
9)
5
mA
Resolution A/D converter (analog output)
14
bits
Resolution D/A converter
11
bits
Resolution analog output signal
0.05
%FSO
Resolution of adjustment threshold
10)
14
bit
Resolution of adjustment hysteresis
10)
14
bit
Load resistance at analog output RL
2k
Ω
Capacitive load at analog output
50
nF
Ratiometricity error (@VS = 4.75…5.25 V)
500
ppm
Reaction time (10%...90% rise time)
1
2
ms
Load resistance at analog output RL
2k
Ω
Start-up time (after power on)
5
ms
Pressure changes
10
6
Compensated temperature range
-25
85
°C
Weight
3
g
Media compatibility
See "Specification notes"
11) 12)
Table 3: Specifications
SPECIFICATION NOTES
1)
The analog voltage output signal is ratiometric to the supply voltage
2)
See Table 1
3)
The Full Span Output (FSO) is the algebraic difference between the output signal at the specified minimum
pressure and the output signal at the specified maximum pressure (see "Pressure ranges").
4)
The two switching outputs (Switch 1 and Switch 2) are software configurable (with the AMS 5105 starter kit). The
output modes can be set as normally open (NO), normally closed (NC) and to window mode. Thresholds and
hysteresis can be set individually for each switching output. The default factory configuration of the two switching
outputs is NO, with the thresholds set to 10% (Switch1) and 90% (Switch2). Hysteresis is set to 5% for both
switching outputs.
5)
Load resistance > 1 kOhm
6)
0%p refers to the specified minimum pressure and 100%p to the specified maximum pressure (see Table 3)
7)
Accuracy is defined as the maximum deviation of the measurement value from the ideal characteristic curve at
room temperature (RT) in %FSO, including the adjustment error (offset and span), nonlinearity, pressure
hysteresis and repeatability. Nonlinearity is the measured deviation from the best fit straight line (BFSL) across
the entire pressure range. Pressure hysteresis is the maximum deviation of the output value at any pressure
within the specified range when this pressure is cycled to and from the minimum or maximum rated pressure.
Repeatability is the maximum deviation of the output value at any pressure within the specified range after 10
pressure cycles.
8)
The overall error is defined as the maximum deviation of the measurement value from the ideal characteristic
curve in %FSO across the entire temperature range (-25…85°C).
9)
With active switching outputs the current consumption increases by the output currents of the switching outputs
(see "Specifications/Logic switching outputs”).
10) With the AMS 5105 starter kit software an adjustment of 0.1 %p (see note 6) is possible.
11) Media compatibility of pressure port 1 (for a description of port 1, see Figure 3): clean, dry gases, non-corrosive to
silicon, RTV silicone rubber, gold (alkaline or acidic liquids can destroy the sensor).
12) Media compatibility of pressure port 2 (for a description of port 2, see Figure 3): fluids and gases non-corrosive to
silicon, Pyrex, RTV silicone rubber.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com