Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS5105 Datasheet(PDF) 8 Page - Analog Microelectronics GmbH

Part # AMS5105
Description  Pressure sensor with one analog and two switching outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AMS5105 Datasheet(HTML) 8 Page - Analog Microelectronics GmbH

  AMS5105 Datasheet HTML 1Page - Analog Microelectronics GmbH AMS5105 Datasheet HTML 2Page - Analog Microelectronics GmbH AMS5105 Datasheet HTML 3Page - Analog Microelectronics GmbH AMS5105 Datasheet HTML 4Page - Analog Microelectronics GmbH AMS5105 Datasheet HTML 5Page - Analog Microelectronics GmbH AMS5105 Datasheet HTML 6Page - Analog Microelectronics GmbH AMS5105 Datasheet HTML 7Page - Analog Microelectronics GmbH AMS5105 Datasheet HTML 8Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AMS 5105
Pressure sensor with one analog and two switching outputs
May 2012 - Rev. 2.0
Page 8/8
www.analogmicro.de
INFORMATION FOR ORDERING
Ordering code:
Pressure range:
Pressure range code
mbar
PSI
kPa
0005
5
0.073
0.5
0010
10
0.145
1.0
0020
20
0.290
2.0
0050
50
0.725
5.0
0100
100
1.450
10
0200
200
2.901
20
0350
350
5.076
35
1000
1000
14.50
100
1200
1200
17.40
120
2000
2000
29.01
200
4000
4000
58.02
400
7000
7000
101.5
700
Table 4: Pressure ranges
Pressure type:
Pressure type code
Available pressure ranges
D
differential / relative (gage)
0…5 mbar to 0…7 bar
D-B bidirectional differential
-5 / +5 mbar to -1000 / +1000 mbar
A
absolute
0…1000 mbar
B
barometric (absolute)
700…1200 mbar
Table 5: Pressure types
ADDITIONAL EQUIPMENT
A starter kit with software is available for AMS 5105 pressure sensors. Using a standard PC with an USB-
port the starter kit permits easy configuration and adjustment of the two switching outputs. Together with the
relevant software the customer can configure the two independent switching outputs of the AMS 5105 as
normally open, normally close or in window mode and can adjust the specific thresholds, hysteresis and
switching delays for both switching outputs individually.
Ordering code
Description
USB starter kit AMS 5105
AMS 5105 - starter kit (2 PCBs with software)
Analog Microelectronics GmbH reserves the right to amend any dimensions, technical data or other information contained herein without prior notification.
AMS 5105-0100-D
Model
Pressure range
Pressure type



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com