Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS5105 Datasheet(PDF) 7 Page - Analog Microelectronics GmbH

Part # AMS5105
Description  Pressure sensor with one analog and two switching outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AMS5105 Datasheet(HTML) 7 Page - Analog Microelectronics GmbH

  AMS5105 Datasheet HTML 1Page - Analog Microelectronics GmbH AMS5105 Datasheet HTML 2Page - Analog Microelectronics GmbH AMS5105 Datasheet HTML 3Page - Analog Microelectronics GmbH AMS5105 Datasheet HTML 4Page - Analog Microelectronics GmbH AMS5105 Datasheet HTML 5Page - Analog Microelectronics GmbH AMS5105 Datasheet HTML 6Page - Analog Microelectronics GmbH AMS5105 Datasheet HTML 7Page - Analog Microelectronics GmbH AMS5105 Datasheet HTML 8Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AMS 5105
Pressure sensor with one analog and two switching outputs
May 2012 - Rev. 2.0
Page 7/8
www.analogmicro.de
DIMENSIONS AND PINOUT
AMS 5105 pressure sensors/switches come in a dual in-line package (DIP) for assembly on printed circuit
boards.
Figure 3 below gives the pinout and dimensions of the dual in-line package.
All pressure sensors/switches in the AMS 5105 series are maintenance free during their lifetime.
Notes:
1.
A package without tubes (for O-ring sealing) is also possible.
2.
SMD Pins are available on request
Ceramic substrate
typ. 0.04 [1.0]
Ceramic lid
0.37x0.55 [9.4x13.4]
8 pins
width 0.02 [0.5]
0.02 [0.5]
0.17 [4.3]
0.49 [12.4]
2 tubes
OD = 0.125 [3.175]
1 2 3 4
8 7 6 5
PIN marking
Pressure
port 2
Pressure
port 1
8 7 6 5
1 2 3 4
PIN marking
Pressure
port 1
Differential types:
Absolute, barometric types:
Pinout and pressure connection:
Package dimensions:
Side view :
Top view :
Pin
1
2
3
4
5
6
7
8
Description
N.C.
VCC
GND
OUT
SDA
SCL
SWITCH2
SWITCH1
All dimensions in inches [mm]
Figure 3: Dimensions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com