Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFNFBW-9 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # NFNFBW-9
Description  LP,N-FEMALE TO N-FEMALE 0-6GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

NFNFBW-9 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  NFNFBW-9 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N-FEMALE BULKHEAD
.512
13.00
N-FEMALE
ELECTRICAL SPECIFICATIONS
FREQUENCY RANGE
0 - 6 GHz
VSWR
1 : 1.2 MAX (0 - 6 GHz)
INSERTION LOSS
0.6 dB MAX ( 0 - 6 GHz)
IMPEDANCE
50 OHM
GAS TUBE BREAKDOWN VOLTAGE
180 V ± 20%
MECHANICAL SPECIFICATIONS
CONNECTORS
N-FEMALE TO N-FEMALE BULKHEAD
CONNECTOR BODY MATERIAL
NICKEL PLATED BRASS
BODY MATERIAL
NICKEL PLATED BRASS
PIN MATERIAL
GOLD PLATED BRASS
O"-RING
RUBBER
DIMENSIONS (MAX)
2.6 X 0.9 X 1.2 IN (68 X 23 X 31mm)
WEIGHT
0.25 LBS (0.11 kg)
NOTES:
1. LIGHTNING PROTECTOR SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM PACKAGING SPEC. PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
B
08/23/2010
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
50 HIGH STREET
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AL6-NFNFBW-9
B
AL6-NFNFBW-9.SLDDRW
11
K.BURGNER
08/24/2010
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K.BURGNER
08/25/2010
08/25/2010
A
B
INITIAL RELEASE
ECN 9475: REVISED GAS TUBE BREAKDOWN FROM 90V TO 180 V
10/25/2018
BPUCHASKI
DFRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
LP,N-FEMALE TO N-FEMALE 0-6GHz
LIGHTNING PROTECTOR
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.PARHAM
UNDIMENSIONED FEATURES
MAY OCCUR
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
SPLIT LOCK WASHER
GROUNDING WIRE
STAR LOCK WASHER
HEX NUT
5/8-24 UNEF
5/8-24 UNEF
CRIMP RING TERMINAL FOR
GAS TUBE
2.42
61.4
.87
22.1


Similar Part No. - NFNFBW-9

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
NFNFB-2 L-COM-NFNFB-2 Datasheet
89Kb / 2P
N-Female to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector
NFNFB-3 L-COM-NFNFB-3 Datasheet
89Kb / 2P
N-Female to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector
NFNFB-6 L-COM-NFNFB-6 Datasheet
89Kb / 2P
N-Female to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector
NFNFB-9 L-COM-NFNFB-9 Datasheet
89Kb / 2P
N-Female to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector
NFNFBHP-9 L-COM-NFNFBHP-9 Datasheet
105Kb / 2P
High Performance N-Female to N-Female Bulkhead 0-3 GHz Lightning Protector
More results

Similar Description - NFNFBW-9

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9006 PASTERNACK-PE9006 Datasheet
474Kb / 3P
N Female to N Female Adapter
PE9298 PASTERNACK-PE9298 Datasheet
233Kb / 2P
N Female to LC Female Adapter
PE9359 PASTERNACK-PE9359 Datasheet
241Kb / 2P
N Female to N Female Right Angle Adapter
logo
Amphenol Corporation
172370 AMPHENOL-172370 Datasheet
375Kb / 1P
N FEMALE TO N FEMALE ADAPTER, LOW PIM
logo
Pasternack Enterprises,...
PE9006 PASTERNACK-PE9006 Datasheet
474Kb / 3P
N Female to N Female Adapter
PE9306 PASTERNACK-PE9306 Datasheet
353Kb / 3P
75 Ohm N Female to N Female Adapter
PE9428 PASTERNACK-PE9428 Datasheet
346Kb / 4P
Precision N Female to N Female Adapter
PE9500 PASTERNACK-PE9500 Datasheet
358Kb / 4P
Precision Bulkhead N Female to N Female Adapter
PE91200 PASTERNACK-PE91200 Datasheet
354Kb / 3P
N Female to N Female Adapter IP67 Mated
PE91237 PASTERNACK-PE91237 Datasheet
372Kb / 3P
N Female to N Female Adapter IP67 UnMated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com