Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2A200LCSCF Datasheet(PDF) 7 Page - Sharp Corporation

Part # GP2A200LCSCF
Description  Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2A200LCSCF Datasheet(HTML) 7 Page - Sharp Corporation

Back Button GP2A200LCSCF Datasheet HTML 2Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 3Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 4Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 5Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 6Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 7Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 8Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 9Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 10Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Sheet No.: D3-A05101EN
GP2A200LCS0F Series
■ Design Considerations
● Design guide
1) VO terminal : Open collector output
This product operates the light emitter by pulse drive. Please supply the stable supply voltage in order to
prevent error operation by pulse current.
Please use this device after connecting a capacitor between VO and GND for prevention of line noise.
2) Prevention of detection error
Please be careful that you need to keep the direct inverter light away from the photo detecting surface
since the device will not operate correctly in such case.
In addition, we recommend to make sure the operation test in the actual application.
3) Plugging in/out
The connector should be plugged in/out at normal temperature.
This product is not designed against irradiation and incorporates non-coherent IRED.
● Parts
This product is assembled using the below parts.
• Photodetector (Q'ty : 1) [Using a silicon photodiode as light detecting portion, and a bipolar IC as signal processing circuit]
Category
Maximum Sensitivity
wavelength (nm)
Sensitivity
wavelength (nm)
Response time (μs)
Phototransistor
900
700 to 1 200
400
• Photo emitter (Q'ty : 1)
Category
Material
Maximum light emitting
wavelength (nm)
I/O Frequency (MHz)
Infrared emitting diode
(non-coherent)
Gallium arsenide (GaAs)
950
0.3
• Material
Case
Lens
Bottom cover
GP2A200LCS0F
Black polyphernylene
Sulfide resin (UL94 V-0)
Polycarbonate resin
(UL94 V-2)
Polycarbonate resin (Gray)
(UL94 V-2)
GP2A200LCSCF
GP2A210LCSJF∗
GP2A240LCS0F
Polycarbonate resin (Navy Blue)
(UL94 V-2)
∗The IR-90 filter (Fuji Photo Film Co., Ltd.) is inserted between case and detector side lens.
• Others
Laser generator is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com