Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2A200LCSCF Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2A200LCSCF
Description  Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2A200LCSCF Datasheet(HTML) 1 Page - Sharp Corporation

  GP2A200LCSCF Datasheet HTML 1Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 2Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 3Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 4Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 5Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 6Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 7Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 8Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
GP2A200LCS0F Series
1
Sheet No.: D3-A05101EN
Date Jun. 30. 2005
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
GP2A200LCS0F
Series
Detecting Distance : 2 to 22mm
*OPIC Output,
Reflective Photointerrupter with
Connector
■ Description
GP2A200LCS0F Series are OPIC output, reflective
photointerrupters with emitter and detector facing the
same direction in a molding that provides non-contact
sensing. This family of devices uses light modulation to
reduce the affects of disturbing light, and the sensor is
optimized to work in the selected focal distance. A 3-pin
connector is included to allow remote-mount or off-board
designs.
■ Features
1. Reflective with OPIC Light Modulated Output
2. Highlights :
• Includes additional screw fixing holes
• Position pin to prevent mis-alignment
• Long focal distance
3. Key Parameters :
• Detecting distance : 2 to 22mm (White paper)
5 to 15mm (Black paper)
• Undetecting distance : over 90mm (White paper)
• Connector : GP2A200LCS0F ; Tyco Electronics AMP K.K.
(PN : 292133-3)
GP2A200LCSCF ; Tyco Electronics AMP K.K.
(PN : 292133-3)
GP2A240LCS0F ; Tyco Electronics AMP K.K.
(PN : 292133-3)
GP2A210LCSJF ; Tyco Electronics AMP K.K.
(PN : 4-292133-3)
4. Lead free and RoHS directive compliant
■ Agency approvals/Compliance
1. Compliant with RoHS directive
■ Applications
1. General purpose detection of paper presence or mo-
tion.
2. Example: PPC, FAX, Printer
* "OPIC"(Optical IC) is a trademark of the SHARP Corporation. An OPIC consists of a light-detecting element and a signal-
processing


Similar Part No. - GP2A200LCSCF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A200LCS SHARP-GP2A200LCS Datasheet
65Kb / 5P
Light Modulation, Reflective Type Photointerrupter
More results

Similar Description - GP2A200LCSCF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A21 SHARP-GP1A21 Datasheet
45Kb / 4P
OPIC Photointerrupter with Connector
GP2L24J0000F SHARP-GP2L24J0000F Datasheet
151Kb / 12P
Detecting Distance : 0.7mm Darlington Phototransistor Output Compact Refl ective Photointerrupter
GP2S60 SHARP-GP2S60_05 Datasheet
158Kb / 15P
SMT, Detecting Distance : 0.5mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2A25J0000F SHARP-GP2A25J0000F Datasheet
146Kb / 10P
Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A28AJ000F SHARP-GP2A28AJ000F Datasheet
149Kb / 11P
Flat detecting portion Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A231LRSAF SHARP-GP2A231LRSAF Datasheet
163Kb / 12P
Snap-in type Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2S24J0000F SHARP-GP2S24J0000F Datasheet
156Kb / 12P
Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S27J0000F SHARP-GP2S27J0000F Datasheet
172Kb / 14P
SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S40J0000F SHARP-GP2S40J0000F Datasheet
151Kb / 10P
Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S700HCP SHARP-GP2S700HCP Datasheet
146Kb / 13P
SMT, Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com