Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2A200LCSCF Datasheet(PDF) 5 Page - Sharp Corporation

Part # GP2A200LCSCF
Description  Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2A200LCSCF Datasheet(HTML) 5 Page - Sharp Corporation

  GP2A200LCSCF Datasheet HTML 1Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 2Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 3Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 4Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 5Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 6Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 7Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 8Page - Sharp Corporation GP2A200LCSCF Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Sheet No.: D3-A05101EN
GP2A200LCS0F Series
Fig.2 Test Condition for Detecting Distance Characteristics
VOH
VOL
LLHS
LHLS
LHLL
LLHL
Detecting distance L
Detection surface
Reflective object
Fig.1 Test Condition for Peak Pulse Value ICCP
VO
GND
tW
tP
V
ICCP=Vr/1Ω
tW (TYP.)=8μs (GP2A240LCS0F : 2.5 to 9.3μs)
tP (TYP.)=130μs (GP2A240LCS0F : 40 to 150μs)
VCC=5V
RL=1kΩ
R=1Ω
1
2
3
Photointerrupter
Fig.3 Test Circuit for Response Time
VO
GND
VOH
1.5V
VOL
L
RL=1kΩ
VOUT
waveform
VCC=5V
Reflective object
Detection surface
With reflective object
Without reflective object
tPHL
tPLH
1
2
3
Photointerrupter
EV1 : At non-detecting
EV2 : At detecting
Illuminance shall be that on the emission/detection surface.
Output shall not go from "H" to "L".
Illuminance shall be that on the reflective
object.
Output shall not go from "L" to "H".
Light source A
Emission/detection surface
PPC paper
15mm
Emission/detection
surface
Light source A
Photointerrupter
Photointerrupter
Fig.4 Test Condition for External Disturbing Light Illuminance



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com