Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82721 Datasheet(PDF) 1 Page - EPCOS

Part # B82721
Description  Chokes for Power Lines Current-Compensated Ring Core Double Chokes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82721 Datasheet(HTML) 1 Page - EPCOS

  B82721 Datasheet HTML 1Page - EPCOS B82721 Datasheet HTML 2Page - EPCOS B82721 Datasheet HTML 3Page - EPCOS B82721 Datasheet HTML 4Page - EPCOS B82721 Datasheet HTML 5Page - EPCOS B82721 Datasheet HTML 6Page - EPCOS B82721 Datasheet HTML 7Page - EPCOS B82721 Datasheet HTML 8Page - EPCOS B82721 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
347 04/00
Construction
s
Current-compensated ring core double choke
with ferrite core
s
Polycarbonate case
s
Polyurethane potting
s
Sector winding
Features
s
Case and potting flame-retardant
as per UL 94 V-0
s
High resonance frequency owing
to special winding technique
s
Approx. 1 % stray inductance for symmetrical
interference suppression
Applications
Terminals
s
Pins 0,7
× 0,7 mm or 1 × 1 mm (B82725)
s
Pins fitting standard PCB grid
Marking
Ordering code, rated current, rated inductance,
rated voltage (except B82721-K), graphic symbol,
mark of conformity, manufacturer, date of manufacture
Approvals1)
1) Approvals to EN 60938-2 and UL 1283 pending for B82725-J.
Application
Type
Electronic ballasts
in lamps
B82721
B82722
Switch-mode power supplies
in TV sets
B82721 …
B82725
Washing machines
B82724
B82725
Power supplies
B82724
B82725
Chargers
B82725
Marks of conformity
Standards
VDE 0565-2
EN 60938-2 (pending)
UL 1283
B82721
Chokes for Power Lines
… B82725
Current-Compensated Ring Core Double Chokes
Jump to preceding page


Similar Part No. - B82721

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82721-A2122-N20 EPCOS-B82721-A2122-N20 Datasheet
282Kb / 10P
Current-Compensated Ring Core Double Chokes
B82721-A2122-N20 EPCOS-B82721-A2122-N20 Datasheet
282Kb / 10P
Current-Compensated Ring Core Double Chokes
B82721-A2122-N20 EPCOS-B82721-A2122-N20 Datasheet
282Kb / 10P
Chokes for Power Lines
B82721-A2152-N1 EPCOS-B82721-A2152-N1 Datasheet
282Kb / 10P
Current-Compensated Ring Core Double Chokes
B82721-A2152-N1 EPCOS-B82721-A2152-N1 Datasheet
282Kb / 10P
Current-Compensated Ring Core Double Chokes
More results

Similar Description - B82721

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82720-A EPCOS-B82720-A Datasheet
61Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82720S EPCOS-B82720S Datasheet
75Kb / 5P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82726-S EPCOS-B82726-S Datasheet
65Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82745 EPCOS-B82745 Datasheet
128Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
B82747 EPCOS-B82747 Datasheet
87Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
B82765 EPCOS-B82765 Datasheet
143Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Quad Chokes
B82791-H EPCOS-B82791-H Datasheet
111Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82720A2102N040 TDK-B82720A2102N040 Datasheet
728Kb / 6P
Power line chokes Current-compensated ring core double chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com