Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7740 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SAA7740
Description  Digital Audio Processing IC DAPIC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7740 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SAA7740 Datasheet HTML 14Page - NXP Semiconductors SAA7740 Datasheet HTML 15Page - NXP Semiconductors SAA7740 Datasheet HTML 16Page - NXP Semiconductors SAA7740 Datasheet HTML 17Page - NXP Semiconductors SAA7740 Datasheet HTML 18Page - NXP Semiconductors SAA7740 Datasheet HTML 19Page - NXP Semiconductors SAA7740 Datasheet HTML 20Page - NXP Semiconductors SAA7740 Datasheet HTML 21Page - NXP Semiconductors SAA7740 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
1997 May 30
18
Philips Semiconductors
Product specification
Digital Audio Processing IC (DAPIC)
SAA7740H
th1CA;CAS
column address hold time to CAS
3
× 1⁄2Tclk − 14
−
ns
th2CA;CAS
column address hold time to CAS precharge
1
⁄2Tclk − 15
−
ns
tW;CAS
CAS pulse width
2
× 1⁄2Tclk − 14
−
ns
tp;CAS
CAS precharge time
2
× 1⁄2Tclk − 11
−
ns
tcy;CAS
CAS page mode cycle time
4
× 1⁄2Tclk
−
ns
tacc;CA
access time from column address
−
3
× 1⁄2Tclk − 20
ns
tacc;CAS
access time from CAS
−
2
× 1⁄2Tclk − 24
ns
tacc;RAS
access time from RAS
−
4
× 1⁄2Tclk − 22
ns
thDAT;CAS
data hold time from CAS
2
−
ns
trcy;def
read cycle definition time
4
× 1⁄2Tclk − 10
−
ns
tsu;DAT
data input set-up time
1
⁄2Tclk − 8
−
ns
th;DAT
data input hold time
3
× 1⁄2Tclk − 16
−
ns
thDAT;RAS
data input hold time from RAS
5
× 1⁄2Tclk − 15
−
ns
twcy;def
write cycle definition time
2
× 1⁄2Tclk − 12
−
ns
toff
output data disable time
−
1
⁄2Tclk +8
ns
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
Fig.9 I2S-bus timing diagram.
handbook, full pagewidth
MLC157
CL
WS
DATA IN
DATA OUT
t acc
t h2
t su2
t h1
t su1
t HC
t LC
VH
VL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com