Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7740 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA7740
Description  Digital Audio Processing IC DAPIC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7740 Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA7740 Datasheet HTML 1Page - NXP Semiconductors SAA7740 Datasheet HTML 2Page - NXP Semiconductors SAA7740 Datasheet HTML 3Page - NXP Semiconductors SAA7740 Datasheet HTML 4Page - NXP Semiconductors SAA7740 Datasheet HTML 5Page - NXP Semiconductors SAA7740 Datasheet HTML 6Page - NXP Semiconductors SAA7740 Datasheet HTML 7Page - NXP Semiconductors SAA7740 Datasheet HTML 8Page - NXP Semiconductors SAA7740 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1997 May 30
4
Philips Semiconductors
Product specification
Digital Audio Processing IC (DAPIC)
SAA7740H
PINNING
SYMBOL
PIN
DESCRIPTION
RST
1
reset input (active LOW)
SCL
2
serial clock input (I2C-bus)
SDA
3
serial data input/output (I2C-bus)
MUTE
4
mute input (active HIGH)
n.c.
5
not connected
n.c.
6
not connected
VDD
7
supply voltage
VDD
8
supply voltage
VSS
9
ground supply
CAS
10
column address strobe (DRAM)
(active LOW)
D0
11
input/output data bus line 0 (DRAM)
D1
12
input/output data bus line 1 (DRAM)
VSS
13
ground supply
OE
14
output buffer enable (DRAM)
(active LOW)
D2
15
input/output data bus line 2 (DRAM)
D3
16
input/output data bus line 3 (DRAM)
CAS2
17
second column address strobe
(active LOW)
WE
18
write enable (DRAM; active LOW)
RAS
19
row address strobe (DRAM;
active LOW)
A8B
20
inverse MSB address line output
(DRAM)
A8
21
address line output 8 (DRAM)
A7
22
address line output 7 (DRAM)
A6
23
address line output 6 (DRAM)
A5
24
address line output 5 (DRAM)
VSS
25
ground supply
VDD
26
supply voltage
A4
27
address line output 4 (DRAM)
A3
28
address line output 3 (DRAM)
A2
29
address line output 2 (DRAM)
A1
30
address line output 1 (DRAM)
A0
31
address line output 0 (DRAM)
VDD
32
supply voltage
MUX
33
address latch strobe output (SRAM)
DO1D
34
digital audio output 1 (I2S-bus)
DO2D
35
digital audio output 2 (I2S-bus)
DOWS
36
digital audio input word select
DOBCK
37
digital audio input serial bit clock
VDD
38
supply voltage
n.c.
39
not connected
VSS
40
ground supply
DI1D
41
digital audio input 1 (I2S-bus)
DI2D
42
digital audio input 2 (I2S-bus)
DIWS
43
digital audio input word select
DIBCK
44
digital audio input serial bit clock
TSTCLK
45
clock input for test mode
(should be tied LOW)
VSS
46
ground supply
TST1
47
test pin input 1
(should be tied LOW)
TST2
48
test pin input 2
(should be tied LOW)
TST3
49
test pin input 3
(should be tied LOW)
VSS
50
ground supply
AS1
51
address select input 1 (I2C-bus)
AS2
52
address select input 2 (I2C-bus)
VDD
53
supply voltage
VDD
54
supply voltage
VSS
55
ground supply
CLK1/
XTAL1
56
clock or crystal input
n.c.
57
not connected
n.c.
58
not connected
XTAL2
59
crystal output 2
VDDX
60
crystal supply voltage
VSSX
61
crystal ground supply
SCCLK
62
scan test clock input
(should be tied LOW)
CLKO
63
clock signal output
ALL
64
mode select input
(should be tied HIGH)
SYMBOL
PIN
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com