Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7740 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA7740
Description  Digital Audio Processing IC DAPIC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7740 Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA7740 Datasheet HTML 1Page - NXP Semiconductors SAA7740 Datasheet HTML 2Page - NXP Semiconductors SAA7740 Datasheet HTML 3Page - NXP Semiconductors SAA7740 Datasheet HTML 4Page - NXP Semiconductors SAA7740 Datasheet HTML 5Page - NXP Semiconductors SAA7740 Datasheet HTML 6Page - NXP Semiconductors SAA7740 Datasheet HTML 7Page - NXP Semiconductors SAA7740 Datasheet HTML 8Page - NXP Semiconductors SAA7740 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
1997 May 30
2
Philips Semiconductors
Product specification
Digital Audio Processing IC (DAPIC)
SAA7740H
FEATURES
Hardware
• Two digital inputs and two digital outputs in the I2S-bus
format (i.e. 4 audio channels)
• Independent input/output interfaces
• Slave input/output interfaces
• Slave processing
• I2C-bus microcontroller interface
• DC filtering at the inputs
• One programmable 2nd-order digital filter unit
• Two multiply accumulate processor units
(24
× 16-bit/MAC)
• DRAM interface and address computation unit for
external delay lines
• On-chip coefficient and external delay line address
storage
• Hardware controlled soft mute via the MUTE pin
• Hardware controlled soft demute via the RST pin
• Operating ambient temperature; −40 to +85 °C.
Software
• 5-band parametric equalizer with selectable centre
frequency, slope setting and boost/cut gain settings
from
−12 to +12 dB
• Stereo width control from mono to stereo to spatial
stereo
• Stereo Hall-effects for field acoustics, such as concert
halls, with 8 coefficients and 8 delayed taps per channel
• External delay line processing for delays up to 1 second
• Reverberation with selectable reverberation time (up to
5 seconds) and energy
• Three different surround sound programs to obtain a
spatial effect on 4 loudspeakers
• Passive DOLBY surround processing with the addition
of an external dynamic noise reduction IC
• Karaoke processing
• Dual 16th-order correction filtering
• Quad 8th-order correction filtering
• Digital volume and balance control
• Soft controlled soft mute/demute via the microcontroller
interface
• Input switching matrix
• Output rear and front switching matrix.
APPLICATIONS
• Digital amplifiers
• Audio combination sets
• Car audio systems
• TV audio channels.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD(tot)
total DC supply voltage
all VDD pins
4.5
5.0
5.5
V
IDD(tot)
total DC supply current
fxtal = 16.9344 MHz
−
60
−
mA
fxtal
input crystal frequency
12.288
16.9344
23.0
MHz
Ptot
total power dissipation
fxtal = 16.9344 MHz
−
0.3
−
W
Tamb
operating ambient temperature
−40
−
+85
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7740H
QFP64
plastic quad flat package; 64 leads (lead length 1.95 mm); body
14
× 20 × 2.8 mm
SOT319-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com