Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC607 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC607
Description  GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC607 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC607 Datasheet HTML 1Page - Hittite Microwave Corporation HMC607 Datasheet HTML 2Page - Hittite Microwave Corporation HMC607 Datasheet HTML 3Page - Hittite Microwave Corporation HMC607 Datasheet HTML 4Page - Hittite Microwave Corporation HMC607 Datasheet HTML 5Page - Hittite Microwave Corporation HMC607 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
4 - 35
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Number
Function
Description
Interface Schematic
1, 4, 7
RF1, RFC, RF2
This pin is DC coupled and matched to 50 Ohm. Blocking
capacitors are required if RF line potential is not equal to 0V.
2, 10
B
See truth table and control voltage table.
Alternate A & B control pads provided.
3, 11
B
5, 8
A
6, 9
A
Die Bottom
GND
Die bottom must be connected to RF ground.
Outline Drawing
NOTES:
1. PACKAGE BODY MATERIAL: WHITE ALUMINA 92%
2. CONDUCTOR TRACES MATERIAL: THICK FILM TUNGSTEN.
3. LEAD, BASE, COVER MATERIAL: KOVAR™.
4. PLATING: ELECTROLYTIC GOLD 50 MICROINCHES MIN, OVER
ELECTROLYTIC NICKEL 50 MICROINCHES MIN.
5. ALL DIMENSIONS ARE IN INCHES [MILLIMETERS].
6. TOLERANCES: .±005 [0.13] UNLESS OTHERWISE SPECIFIED.
7. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED
TO PCB RF GROUND.
Pad Descriptions
HMC607
GaAs MMIC HIGH ISOLATION
SPDT SWITCH, DC - 15 GHz
v00.0307



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com