Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC607 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC607
Description  GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC607 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC607 Datasheet HTML 1Page - Hittite Microwave Corporation HMC607 Datasheet HTML 2Page - Hittite Microwave Corporation HMC607 Datasheet HTML 3Page - Hittite Microwave Corporation HMC607 Datasheet HTML 4Page - Hittite Microwave Corporation HMC607 Datasheet HTML 5Page - Hittite Microwave Corporation HMC607 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4
4 - 32
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC607
GaAs MMIC HIGH ISOLATION
SPDT SWITCH, DC - 15 GHz
Features
Functional Diagram
General Description
The HMC607 is a broadband high isolation non-
reflective GaAs MESFET SPDT MMIC chip. Covering
DC to 15 GHz, the switch features >55 dB isolation at
lower frequencies and >45 dB at higher frequencies.
The switch operates using complementary negative
control voltage logic lines of -5/0V and requires no
bias supply.
High Isolation: >50 dB @ 10 GHz
Low Insertion Loss: 1.4 dB Typical @ 6.0 GHz
Non-Reflective Design
Die Size: 2.05 mm x 1.04 mm x 0.1 mm
Electrical Specifications, T
A = +25° C, With 0/-5V Control, 50 Ohm System
Typical Applications
The HMC607 is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military Radios, Radar & ECM
• Space Systems
• Test Instrumentation
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 6 GHz
DC - 10 GHz
DC - 15 GHz
1.4
1.7
2.7
1.7
2.5
3.4
dB
dB
dB
Isolation*
DC - 6 GHz
DC - 10 GHz
DC - 15 GHz
55
50
45
65
60
55
dB
dB
dB
Return Loss
“On State”
DC - 6 GHz
DC - 15 GHz
17
11
dB
dB
Return Loss RF1, RF2
“Off State”
DC - 6 GHz
DC - 15 GHz
13
17
dB
dB
Input Power for 1 dB Compression
0.5 - 15 GHz
21
26
dBm
Input Third Order Intercept
(Two-Tone Input Power= +7 dBm Each Tone, 1 MHz Tone Separation)
0.5 - 15 GHz
44
49
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 15 GHz
3
5
ns
ns
*Isolation data taken with probe on the die
v00.0307


Similar Part No. - HMC607

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC607 HITTITE-HMC607 Datasheet
214Kb / 6P
GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
HMC607G7 HITTITE-HMC607G7 Datasheet
194Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6 GHz
HMC607G7 HITTITE-HMC607G7 Datasheet
270Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
HMC607G7 HITTITE-HMC607G7_08 Datasheet
194Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6 GHz
HMC607 HITTITE-HMC607_09 Datasheet
214Kb / 6P
GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
More results

Similar Description - HMC607

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC234C8 HITTITE-HMC234C8 Datasheet
191Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
HMC347C8 HITTITE-HMC347C8 Datasheet
179Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
logo
Stanford Microdevices
SSW-224 STANFORD-SSW-224 Datasheet
162Kb / 3P
DC-6 GHZ HIGH ISOLATION SPDT GAAS MMIC SWITCH
SSW-108 STANFORD-SSW-108 Datasheet
83Kb / 2P
DC-4 GHz High Isolation GaAs MMIC SPDT Switch
logo
Hittite Microwave Corpo...
HMC132G7 HITTITE-HMC132G7 Datasheet
64Kb / 4P
GAAS MMIC HIGH - ISOLATION SPDT SWITCH DC - 6 GHZ
logo
Stanford Microdevices
SSW-208 STANFORD-SSW-208 Datasheet
79Kb / 2P
DC-4 GHz, High Isolation GaAs MMIC SPDT Switch
SSW-124 STANFORD-SSW-124 Datasheet
164Kb / 3P
DC-6 GHz High Isolation SPDT GaAs MMIC Switch
logo
Hittite Microwave Corpo...
HMC232G7 HITTITE-HMC232G7_06 Datasheet
261Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
HMC132G7 HITTITE-HMC132G7_01 Datasheet
85Kb / 4P
GaAs MMIC HIGH-ISOLATION SPDT SWITCH, DC - 6 GHz
HMC607 HITTITE-HMC607_09 Datasheet
214Kb / 6P
GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com