Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC607 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC607
Description  GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC607 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC607 Datasheet HTML 1Page - Hittite Microwave Corporation HMC607 Datasheet HTML 2Page - Hittite Microwave Corporation HMC607 Datasheet HTML 3Page - Hittite Microwave Corporation HMC607 Datasheet HTML 4Page - Hittite Microwave Corporation HMC607 Datasheet HTML 5Page - Hittite Microwave Corporation HMC607 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4
4 - 36
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC607
GaAs MMIC HIGH ISOLATION
SPDT SWITCH, DC - 15 GHz
v00.0307
Assembly Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com