Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAB9079HS Datasheet(PDF) 42 Page - NXP Semiconductors

Part # SAB9079HS
Description  Multistandard Picture-In-Picture PIP controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAB9079HS Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button SAB9079HS Datasheet HTML 38Page - NXP Semiconductors SAB9079HS Datasheet HTML 39Page - NXP Semiconductors SAB9079HS Datasheet HTML 40Page - NXP Semiconductors SAB9079HS Datasheet HTML 41Page - NXP Semiconductors SAB9079HS Datasheet HTML 42Page - NXP Semiconductors SAB9079HS Datasheet HTML 43Page - NXP Semiconductors SAB9079HS Datasheet HTML 44Page - NXP Semiconductors SAB9079HS Datasheet HTML 45Page - NXP Semiconductors SAB9079HS Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
2000 Jan 13
42
Philips Semiconductors
Preliminary specification
Multistandard Picture-In-Picture (PIP)
controller
SAB9079HS
Table 35 Overview of algorithm selection
FIELD MODE SETTINGS
In the master mode signals will be synchronized to the main 1Fh, 1Fv input signal. This eases the restrictions on the
number of fields to be stored for the scan converted main picture. Conditions to be met for a live picture are given in
Table 36.
Table 36 Master 2Fh field mode settings
MODE
D2FH
YUVFilter
D2FV
ABMode
No filter
0
00H
−
00H
UV 1 : 1 V filter
0
01H
0
00H
Y 1 : 1 V filter
0
10H
0
00H
YUV 1 : 1 V filter
0
11H
0
00H
2FH/1FV frame
1
xxH
0
00H
2FH/1FV proscan
1
xxH
0
01H
2FH/1FV line doubling
1
xxH
0
10H
not valid
1
xxH
0
11H
2FH/2FV AABB
1
00H
1
00H
2FH/2FV ABAB
1
00H
1
01H
2FH/2FV AB’A’B
1
00H
1
10H
2FH/2FV AB’A’B+
1
00H
1
11H
VERTICAL REDUCTION
FIELDS FOR MAIN
CHANNEL
FIELDS FOR SUB
CHANNEL
REMARKS
1/1
2
3
except for horizontal
reduction 1/1
other modes
4
4
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com