Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAB9079HS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAB9079HS
Description  Multistandard Picture-In-Picture PIP controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAB9079HS Datasheet(HTML) 3 Page - NXP Semiconductors

  SAB9079HS Datasheet HTML 1Page - NXP Semiconductors SAB9079HS Datasheet HTML 2Page - NXP Semiconductors SAB9079HS Datasheet HTML 3Page - NXP Semiconductors SAB9079HS Datasheet HTML 4Page - NXP Semiconductors SAB9079HS Datasheet HTML 5Page - NXP Semiconductors SAB9079HS Datasheet HTML 6Page - NXP Semiconductors SAB9079HS Datasheet HTML 7Page - NXP Semiconductors SAB9079HS Datasheet HTML 8Page - NXP Semiconductors SAB9079HS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
2000 Jan 13
3
Philips Semiconductors
Preliminary specification
Multistandard Picture-In-Picture (PIP)
controller
SAB9079HS
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDDD(C)
digital supply voltage for the core
3.0
3.3
3.6
V
VDDD(P)
digital supply voltage for the
periphery
4.5
5.0
5.5
V
VDDA
analog supply voltage
3.0
3.3
3.6
V
IDDD(C)
digital supply current for the core
tbf
115
tbf
mA
IDDD(P)
digital supply current for the
periphery
tbf
10
tbf
mA
IDDA
analog supply current
−
170
210
mA
PLL
fosc
oscillator frequency
3584
× HSYNC
−
56
−
MHz
fsys
system frequency
1792
× HSYNC
−
28
−
MHz
896
× HSYNC
−
14
−
MHz
448
× HSYNC
−
7
−
MHz
Bloop
loop bandwidth
−
4
−
kHz
tjitter
short term stability
jitter during 64
µs
−−
4ns
ζ
damping factor
−
0.7
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com