Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAB9079HS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAB9079HS
Description  Multistandard Picture-In-Picture PIP controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAB9079HS Datasheet(HTML) 2 Page - NXP Semiconductors

  SAB9079HS Datasheet HTML 1Page - NXP Semiconductors SAB9079HS Datasheet HTML 2Page - NXP Semiconductors SAB9079HS Datasheet HTML 3Page - NXP Semiconductors SAB9079HS Datasheet HTML 4Page - NXP Semiconductors SAB9079HS Datasheet HTML 5Page - NXP Semiconductors SAB9079HS Datasheet HTML 6Page - NXP Semiconductors SAB9079HS Datasheet HTML 7Page - NXP Semiconductors SAB9079HS Datasheet HTML 8Page - NXP Semiconductors SAB9079HS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2000 Jan 13
2
Philips Semiconductors
Preliminary specification
Multistandard Picture-In-Picture (PIP)
controller
SAB9079HS
FEATURES
• Suitable for single PIP, double window and multi PIP
applications
• Data formats 4 : 1 : 1 (all modes) and 4:2:2 (most
modes)
• Sample rate of 14 MHz, 720 Y*-pixels/line
• Horizontal reduction factors 1⁄1 3⁄4, 2⁄3, 1⁄2, 1⁄3, 1⁄4 and 1⁄6
• Vertical reduction factors 1⁄1, 1⁄2, 1⁄3 and 1⁄4
• PIP OSD for the sub channels displayed
• Detection of PAL/NTSC with overrule bit
• CTE/LTE like circuits in display part
• Replay with definable auto increment, picture sample
rate and picture number auto wrap
• Programmable Y*UV to RGB conversion matrix with
independent coefficients for NTSC and PAL sources
• Display clock and synchronisation are derived from the
main PLL
• Three 8-bit Digital-to-Analog Converters (DACs)
• Three 8-bit Analog-to-Digital Converters (ADCs)
(7-bit performance) with clamp circuit for each
acquisition channel
• Main and sub can write to the same VDRAM address
spaces under certain conditions; the reduction factors
should be the same
• Y* and UV pedestals on the acquisition sides
• Independent vertical filtering with 1 : 1 for UV and Y* at
the display part.
GENERAL DESCRIPTION
The SAB9079HS is a PIP controller for a multistandard
application environment in combination with a
multistandard decoder such as for example TDA8310,
TDA9143 or TDA9321H.
The SAB9079HS inserts one or two live video signals with
reduced sizes into the main/display video signal. All video
signals are expected to be analog baseband signals. The
analog signals are stripped signals without sync.
Therefore the luminance signal is referred to as Y*. The
conversion into the digital environment and back is done
on-chip as well as the internal clock generation.
The SAB9079HS is suitable for single PIP, double window
and multi PIP applications.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAB9079HS
SQFP128
plastic shrink quad flat package; 128 leads (lead length 1.6 mm);
body 14
× 20 × 2.72 mm
SOT387-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com