Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01T-I/SN Datasheet(PDF) 23 Page - Microchip Technology

Part # 24CSM01T-I/SN
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01T-I/SN Datasheet(HTML) 23 Page - Microchip Technology

Back Button 24CSM01T-I/SN Datasheet HTML 19Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 20Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 21Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 22Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 23Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 24Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 25Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 26Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20006781B
-page 23
24CSM01
9.0
CONFIGURATION REGISTER
The 24CSM01 device contains a 16-bit Configuration
register, which is accessed via a specific device
address
and
word
address.
If
desired,
the
Configuration register can be locked so that it is set to
read-only and can no longer be modified, thereby
making the current data protection scheme permanent.
9.1
Accessing the Configuration
Register
The value of the Configuration register can be
determined by executing a random read sequence to a
specific
address.
Changing
the
value
of
the
Configuration register is accomplished with a byte write
sequence with the requirements outlined later in this
section.
Accessing this register requires the use of ‘1011b’ (Bh)
as the device type identifier in the device address (see
Table 9-1). Following the device type identifier are the
hardware client address bits for which the values are
determined by the device address input pins, A2 and
A1 (see Section 2.0 “Pin Descriptions”). Next, the
MSb of the word address, which is a “don't care” for the
Configuration register, is sent to the device. Finally,
bit 0 is the Read/Write Select (R/W) bit, where a logic
‘1’ is used for reading and a logic ‘0’ is used for writing.
When accessing the Configuration register, a 16-bit
word address must be sent to the device. All bits in the
word address are ignored except for bits A15, A11 and
A10. Bits A15 and A11 must be set to logic ‘1’ and bit
A10 must be set to logic ‘0’. Refer to Table 9-2 and
Table 9-3 for additional information.
TABLE 9-1:
CONFIGURATION REGISTER DEVICE ADDRESS BYTE
Memory Region
Device Type Identifier
Hardware
Address Bits
Memory
MSb
Read/Write
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
A16
Bit 0
Configuration Register
1011
A2
A1
x
R/W
TABLE 9-2:
CONFIGURATION REGISTER WORD ADDRESS BYTE 0
Word Address
A15
A14
A13
A12
A11
A10
A9
A8
Word Address Byte 0
1xxx10x
x
TABLE 9-3:
CONFIGURATION REGISTER WORD ADDRESS BYTE 1
Word Address
A7
A6
A5
A4
A3
A2
A1
A0
Word Address Byte 1
xxxxxxx
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com