Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01T-I/SN Datasheet(PDF) 4 Page - Microchip Technology

Part # 24CSM01T-I/SN
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01T-I/SN Datasheet(HTML) 4 Page - Microchip Technology

  24CSM01T-I/SN Datasheet HTML 1Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 2Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 3Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 4Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 5Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 6Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 7Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 8Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
24CSM01
DS20006781B
-page 4
Preliminary
 2023 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS ................................................................................................................... -0.6V to 6.5V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature under bias.............................................................................................................-40°C to +125°C
ESD protection on all pins
............................................................................................................................................................................. >4kV
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = 1.7V to 5.5V
TA = -40°C to +85°C
Extended (E):
VCC = 1.7V to 5.5V
TA = -40°C to +125°C
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Test Conditions
D1
VIH
High-Level Input Voltage
VCC X 0.7
VCC + 1
V
D2
VIL
Low-Level Input Voltage
-0.6
VCC X 0.3
V
D3
VOL
Low-Level Output Voltage
—0.4
V
IOL =2.1 mA, VCC ≥ 2.5V
—0.2
V
IOL =0.15 mA, VCC < 2.5V
D4
VHYS
Hysteresis of Schmitt
Trigger Inputs
(SDA, SCL pins)
VCC x 0.05
—
V
VCC ≥ 2.5V (Note 1)
D5
ILI
Input Leakage Current
—
±1
µA
VIN = VSS or VCC
D6
ILO
Output Leakage Current
—
±1
µA
VOUT =VSS or VCC
D7
CINT
Internal Capacitance
(all inputs and outputs)
—7
pF
TAMB =+25°C, FCLK = 1 MHz,
VCC =5.5V (Note 1)
D8
ICCREAD Operating Current
—
1
mA
VCC =5.5V
D9
ICCWRITE Operating Current
—3
mA
VCC =5.5V
—1
mA
VCC =1.7V
D10
ICCS
Standby Current
—1
µA
SCL = SDA = VCC = 5.5V, I-Temp.,
WP = VSS
—5
µA
SCL = SDA = VCC = 5.5V, E-Temp.,
WP = VSS
Note 1: This parameter is not tested but is ensured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com