Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01T-I/SN Datasheet(PDF) 38 Page - Microchip Technology

Part # 24CSM01T-I/SN
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01T-I/SN Datasheet(HTML) 38 Page - Microchip Technology

Back Button 24CSM01T-I/SN Datasheet HTML 34Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 35Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 36Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 37Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 38Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 39Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 40Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 41Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
24CSM01
DS20006781B
-page 38
Preliminary
 2023 Microchip Technology Inc. and its subsidiaries
8-Lead 4.4 mm TSSOP
Example
8-Lead 2x3 mm UDFN
Example
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
XXX
YWW
NN
ADZ
342
13
Part
Number
1st Line Marking Codes
CSP
MSOP
PDIP
SOIC
SOIJ
TSSOP
UDFN
24CSM01
• A
4CSM01
24CSM01 24CSM01 24CSM01
AADZ
ADZ
XXXX
YYWW
NNN
AADZ
2342
13F
Note:
For very small packages with no room for the JEDEC® designator
, the marking will only appear on the outer carton or reel label.
3
e
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com