Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC26C198 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC26C198
Description  Octal UART with TTL compatibility at 3.3V and 5V supply voltages
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C198 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC26C198 Datasheet HTML 17Page - NXP Semiconductors SC26C198 Datasheet HTML 18Page - NXP Semiconductors SC26C198 Datasheet HTML 19Page - NXP Semiconductors SC26C198 Datasheet HTML 20Page - NXP Semiconductors SC26C198 Datasheet HTML 21Page - NXP Semiconductors SC26C198 Datasheet HTML 22Page - NXP Semiconductors SC26C198 Datasheet HTML 23Page - NXP Semiconductors SC26C198 Datasheet HTML 24Page - NXP Semiconductors SC26C198 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Philips Semiconductors
Product specification
SC26C198 SC68C198
SC26L198 SC68L198
Octal UART with TTL compatibility at 3.3V
and 5V supply voltages
1995 May 1
356
Table 9. Command Register Code
Commands x’12, x13, x’14, x’15, x’1f (marked with*) are global and exist only in channel A’s register space.
Channel Command
Code
Channel
Command
Channel Command
Code
Channel
Command
CR[7:3]
Description
CR[7:3]
Description
00000
NOP
10000
Transmit Xon
00001
Reserved
10001
Transmit Xoff
00010
Reset Receiver
10010
Gang Write Xon Character Registers *
00011
Reset Transmitter
10011
Gang Write Xoff Character Registers *
00100
Reset Error Status
10100
Gang Load Xon Character Registers DC1 *
00101
Reset Break Change Interrupt
10101
Gang Load Xoff Character Registers DC3 *
00110
Begin Transmit Break
10110
Xoff Resume Command
00111
End Transmit Break
10111
Host Xoff Command
01000
Assert RTSN (I/O2 or I/O1)
11000
Cancel Transmit X Char command
01001
Negate RTSN (I/O2 or I/O1)
11001
Reserved
01010
Set time–out mode on
11010
Reserved
01011
Reserved
11011
Reset Address Recognition Status
01100
Set time–out mode off
11100
Reserved
01101
Block Error Status configure
11101
Reserved
01110
Reserved
11110
Reset All UART channel registers
01111
Reserved
11111
Reset Device *
Table 10. SR – Channel Status Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Received
Break
Framing Error
Parity
Error
Overrun Error
TxEMT
TxRDY
RxFULL
RxRDY
0 – No
1 – Yes
0 – No
1 – Yes
0 – No
1 – Yes
0 – No
1 – Yes
0 – No
1 – Yes
0 – No
1 – Yes
0 – No
1 – Yes
0 – No
1 – Yes
SR[7] – Received Break
This bit indicates that an all zero character of the programmed
length has been received without a stop bit. Only a single FIFO
position is occupied when a break is received; further entries to the
FIFO are inhibited until the RxD line returns to the marking state for
at least one half bit time (two successive edges of the internal or
external 1x clock). When this bit is set, the change in break bit in
the ISR (ISR[2]) is set. ISR[2] is also set when the end of the break
condition, as defined above, is detected. The break detect circuitry
is capable of detecting breaks that originate in the middle of a
received character. However, if a break begins in the middle of a
character, it must last until the end of the next character in order for
it to be detected.
SR[6] – Framing Error (FE)
This bit, when set, indicates that a stop bit was not detected when
the corresponding data character in the FIFO was received. The
stop bit check is made in the middle of the first stop bit position.
SR[5] – Parity Error (PE)
This bit is set when the ’with parity’ or ’force parity’ mode is
programmed and the corresponding character in the FIFO was
received with incorrect parity. In the special ’wake up mode’, the
parity error bit stores the received A/D bit.
SR[4] – Overrun Error (OE)
This bit, when set, indicates that one or more characters in the
received data stream have been lost. It is set upon receipt of a new
character when the RxFIFO is full and a character is already in the
receive shift register waiting for an empty FIFO position. When this
occurs, the character in the receive shift register (and its break
detect, parity error and framing error status, if any) is lost. This bit is
cleared by a reset error status command.
SR[3] – Transmitter Empty (TxEMT)
This bit is set when the transmitter underruns, i.e., both the TxFIFO
and the transmit shift register are empty.
It is set after transmission of the last stop bit of a character, if no
character is in the TxFIFO awaiting transmission. It is reset when
the TxFIFO is loaded by the CPU, or when the transmitter is
disabled.
SR[2] – Transmitter Ready (TxRDY)
This bit, when set, indicates that the TxFIFO is ready to be loaded
with a character. This bit is cleared when the TxFIFO is loaded by
the CPU and is set when the last character is transferred to the
transmit shift register. TxRDY is reset when the transmitter is
disabled and is set when the transmitter is first enabled, e.g.,
characters loaded in the TxFIFO while the transmitter is disabled will
not be transmitted.
SR[1] – RxFIFO Full (RxFULL)
This bit is set when a character is transferred from the receive shift
register to the receive FIFO and the transfer causes the FIFO to
become full, i.e., all sixteen RxFIFO positions are occupied. It is
reset when the CPU reads the RxFIFO and that read leaves one
empty byte position. If a character is waiting in the receive shift
register because the RxFIFO is full, RxFULL is not reset until the
second read of the RxFIFO since the waiting character is
immediately loaded to the RxFIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com