Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC26C198 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SC26C198
Description  Octal UART with TTL compatibility at 3.3V and 5V supply voltages
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C198 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SC26C198 Datasheet HTML 35Page - NXP Semiconductors SC26C198 Datasheet HTML 36Page - NXP Semiconductors SC26C198 Datasheet HTML 37Page - NXP Semiconductors SC26C198 Datasheet HTML 38Page - NXP Semiconductors SC26C198 Datasheet HTML 39Page - NXP Semiconductors SC26C198 Datasheet HTML 40Page - NXP Semiconductors SC26C198 Datasheet HTML 41Page - NXP Semiconductors SC26C198 Datasheet HTML 42Page - NXP Semiconductors SC26C198 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Philips Semiconductors
Product specification
SC26C198 SC68C198
SC26L198 SC68L198
Octal UART with TTL compatibility at 3.3V
and 5V supply voltages
1995 May 1
374
AC ELECTRICAL CHARACTERISTICS5 (26C198 and 68C198)
SYMBOL
FIGURE
PARAMETER
LIMITS
UNIT
SYMBOL
FIGURE
PARAMETER
MIN
TYP
MAX
UNIT
RESET TIMING
tRES
RESET pulse width
10
Sclk
BUS TIMING
tAS
A0-A7 setup time before Sclk C3 rising edge
10
3
ns
tAH
A0-A7 hold time after Sclk C3 rising edge
18
12
ns
tCS
CEN setup time before Sclk C1 high (ASYNC)
5
ns
tCS
CEN setup time before Sclk C2 high (SYNC)
5
ns
tCH
CEN hold time after Sclk C3 high (SYNC)
15
1.5 Sclk
ns
tCH
CEN hold time after Sclk C4 high (ASYNC)1
25
1.5 Sclk
ns
tSTP
CEN high after C4 end. To terminate cycle (SYNC)
18
Sclk
tRWS
W-Rn setup time before Sclk C2 rising edge
5
ns
tRWH
W-Rn hold time after Sclk C3 rising edge
20
1.5 Sclk
ns
tDD
Read cycle Data valid after Sclk C3 falling edge
25
37
ns
tDF
Read cycle data bus floating after CEN high (ASYNC)
20
35
ns
tDF
Read cycle data bus floating after C4 end (SYNC)
20
35
ns
tDS
Write cycle data setup time before Sclk C4 rising edge
25
15
ns
tDH
Write cycle data hold time after Sclk C4 rising edge
30
18
ns
tRWD
High time between CEN low (ASYNC)
12
10
ns
I/O PORT PIN TIMING
tPS
I/O input setup time before Sclk C3 falling edge (Read IPR)
20
ns
tPH
I/O input hold time after Sclk C4 rising edge (Read IPR)
18
ns
tPD
I/O output valid from:
Write Sclk C4 rising edge (write to I/OPIOR)
50
ns
INTERRUPT TIMING
tIR
IRQN from:
Internal interrupt source active bid
Software reset to IRQN inactive
Write IMR (clear IMR bit after C4 end)
22
3
43
50
Sclk
Sclk
ns
tDD
Interrupt vector valid after C3 falling edge, IACKN cycle
25
37
ns
Tx / Rx CLOCK TIMING, External2
tRX
RxC high or low time
20
ns
fRX
RxC frequency (16 X)
(1 X)
0
0
16
1
MHz
tTX
TxC high or low time
20
ns
fTX
TxC frequency (16 X)
(1 X)
0
0
16
1
MHz
tRF
Tx / Rx clock rise and fall times
20
ns
TRANSMITTER TIMING
tTXD
TxD output delay from TxC low
100
ns
tTCS
TxC output delay from TxD output data
-20
20
ns
RECEIVER TIMING
tRXS
RxD data setup time to RxC high (data)
30
ns
RXH
RxD data hold time from RxC high (data)
30
ns
TsSTRT
RxD data setup time to RxC high (Start Bit)
17 / 32
16X clk
Sclk TIMING3
Tsclkl
Min low time at Vil (0.8V)
11
ns
Tsclkh
Min high time at Vih (2.0V)
11
ns
Fsclk
Sclk frequency
33
MHz
T/RFsclk
Sclk rise/fall time (0.8 to 2.0Volts)
3 / 3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com