Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC26C94 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SC26C94
Description  Quad universal asynchronous receiver/transmitter QUART
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C94 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SC26C94 Datasheet HTML 20Page - NXP Semiconductors SC26C94 Datasheet HTML 21Page - NXP Semiconductors SC26C94 Datasheet HTML 22Page - NXP Semiconductors SC26C94 Datasheet HTML 23Page - NXP Semiconductors SC26C94 Datasheet HTML 24Page - NXP Semiconductors SC26C94 Datasheet HTML 25Page - NXP Semiconductors SC26C94 Datasheet HTML 26Page - NXP Semiconductors SC26C94 Datasheet HTML 27Page - NXP Semiconductors SC26C94 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Philips Semiconductors
Product specification
SC26C94
Quad universal asynchronous receiver/transmitter (QUART)
1995 May 1
24
AC ELECTRICAL CHARACTERISTICS1
TA = 25°C; VCC = 5V ± 10%, unless otherwise specified. Limits shown as nn/nn refer to Commercial/Industrial temperature range. Single
numbers apply to both ranges.
NO.
FIGURE
CHARACTERISTIC
LIMITS
UNIT
NO.
FIGURE
CHARACTERISTIC
Min
Typ
Max
UNIT
1
2
A[5:0] Setup time to RDN WRN Low
10
ns
2
2
A[5:0] Hold time from RDN WRN Low
45
ns
3
2
CEN Setup time to RDN WRN Low2
0
ns
4
2
CEN Hold time from RDN WRN High2
0
ns
5
2
RDN WRN Pulse Width Low
110/115
ns
6
2
D[7:0] Data Valid after CEN and RDN Low
110/115
ns
7
2
D[7:0] Data Bus floating after RDN or CEN High
30
ns
8
2
D[7:0] Data Bus Setup time before WRN or CEN High
40
ns
9
2
D[7:0] Hold time after WRN or CEN High
8
ns
10
2
Time between Reads and/or Writes3
50
ns
NOTES:
1. Parameters are valid over specified temperature range. See ordering information table for applicable temperature range and operating
supply range.
2. Timing is illustrated and referenced to the WRN and RDN inputs. The device may also be operated with CEN as a ‘strobing’ input. CEN and
RDN (also CEN and WRN) are ANDed internally. As a consequence the signal asserted last initiates the cycle; the signal negated first
terminates the cycle. Address is latched at leading edge of a read or write cycle.
3. The RDN signal must be negated for this time to guarantee that internal registers update before the next read.
A[5:0]
CEN
RDN
WRN
D[7:0]
1
2
1
2
10
5
7
READ CYCLE
WRITE CYCLE
3
5
6
4
8
9
SD00164
Figure 2. A Read Cycle Followed by a Write Cycle without DACKN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com