Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC26C94 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SC26C94
Description  Quad universal asynchronous receiver/transmitter QUART
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C94 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SC26C94 Datasheet HTML 22Page - NXP Semiconductors SC26C94 Datasheet HTML 23Page - NXP Semiconductors SC26C94 Datasheet HTML 24Page - NXP Semiconductors SC26C94 Datasheet HTML 25Page - NXP Semiconductors SC26C94 Datasheet HTML 26Page - NXP Semiconductors SC26C94 Datasheet HTML 27Page - NXP Semiconductors SC26C94 Datasheet HTML 28Page - NXP Semiconductors SC26C94 Datasheet HTML 29Page - NXP Semiconductors SC26C94 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Philips Semiconductors
Product specification
SC26C94
Quad universal asynchronous receiver/transmitter (QUART)
1995 May 1
26
HOLD
EN
INTBUSN7:0
INVERTING LATCHES
BYTE COUNTER TRANSMITTER OFFSET CORRECTION LOGIC
IACK
BYTE COUNT
INTERRUPT TYPE
CHANNEL
CURRENT
INTERRUPT
REGISTER
READ GIBC
READ CICR
D7
D6
D5
D4
D3
D2
D1
D0
READ CIR
UPDCIR
SD00167
Figure 5. Current Interrupt Register Logic
2.7K
+5V
60pF
150pF
6K
1.6K
+5V
INTRAN–INTRDN,
I/O0a–I/O3d
D0–D7,
TxDa–TxDh,
I/O0a–I/O3d
SD00168
Figure 6. Test Conditions on Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com