Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC26C94 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SC26C94
Description  Quad universal asynchronous receiver/transmitter QUART
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C94 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SC26C94 Datasheet HTML 23Page - NXP Semiconductors SC26C94 Datasheet HTML 24Page - NXP Semiconductors SC26C94 Datasheet HTML 25Page - NXP Semiconductors SC26C94 Datasheet HTML 26Page - NXP Semiconductors SC26C94 Datasheet HTML 27Page - NXP Semiconductors SC26C94 Datasheet HTML 28Page - NXP Semiconductors SC26C94 Datasheet HTML 29Page - NXP Semiconductors SC26C94 Datasheet HTML 30Page - NXP Semiconductors SC26C94 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Philips Semiconductors
Product specification
SC26C94
Quad universal asynchronous receiver/transmitter (QUART)
1995 May 1
27
RESET
tRES
SD00169
Figure 7. Reset Timing
RDN
CEN
I/O as Output
I/O as Input
tPS
tPH
tPD
tPD
WRN
OLD DATA
NEW DATA
I/O PINS MUST BE STABLE FOR NON-CHANGING BUS DATA DURING THE READ.
NOTE: I/O PIN DATA IS NOT LATCHED
SD00170
Figure 8. I/O Port Timing
WRN
INTERRUPT1
OUTPUT
RDN
INTERRUPT1
OUTPUT
VM
tIR
tIR
VOL +0.5V
VOL +0.5V
VOL
VOL
NOTES:
1. INCLUDES I/O WHEN USED AS TxRDY or RxDY/FFULL OUTPUTS AS WELL AS IRQN.
2. THE TEST FOR OPEN DRAIN OUTPUTS IS INTENDED TO GUARANTEE SWITCHING OF THE OUTPUT TRANSISTOR. MEASUREMENT OF THIS RESPONSE IS
REFERENCED FROM THE MIDPOINT OF THE SWITCHING SIGNAL, VM, TO A POINT 0.5V ABOVE VOL. THIS POINT REPRESENTS NOISE MARGIN THAT AS-
SURES TRUE SWITCHING HAS OCCURRED. BEYOND THIS LEVEL, THE EFFECTS OF EXTERNAL CIRCUITRY AND TEST ENVIRONMENT ARE PRONOUNCED
AND CAN GREATLY AFFECT THE RESULTANT MEASUREMENT.
SD00171
Figure 9. Interrupt Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com