Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76021 Datasheet(PDF) 1 Page - Alpha Wire

Part # 76021
Description  24 (7/32) AWG BC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

76021 Datasheet(HTML) 1 Page - Alpha Wire

  76021 Datasheet HTML 1Page - Alpha Wire 76021 Datasheet HTML 2Page - Alpha Wire 76021 Datasheet HTML 3Page - Alpha Wire 76021 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 76021
Construction
Diameters (In)
1) Component 1
4 X 1 PAIR
a) Conductor
24 (7/32) AWG BC
0.024
b) Insulation
0.011" Wall, Nom. Polypropylene (PP)
0.046
(1) Color(s)
Pair Color
Pair Color
Pair Color
1
BLU -
WHT/BLU
2
ORG -
WHT/ORG
3
GRN-
WHT/GRN
4
BRN -
WHT/BRN
c) Pair
2/Cond Cabled Together
(1) Lay Length:
Various Lay
2) Cable Assembly
4 Components Bunch Cabled
a) Twists:
3.0 Twists/foot
b) Core Wrap
Clear Mylar Tape, 25% Overlap, Min.
3) Shield:
Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction
Foil Facing In
b) Drain Wire
24 (7/32) AWG TC
4) Jacket
0.035" Wall, Nom.,TPE
0.305 Avg. (0.315 Max.)
a) Color(s)
BLACK, RED
b) Ripcord
Nylon
c) Print
ALPHA WIRE-* P/N 76021 4PR 24 AWG
XTRAGUARD(R) INDUSTRIAL ETHERNET (UL) C(UL) TYPE
CMR 75C FT4 ANSI/TIA-568-C.2 CAT5E
CE
ROHS
(SEQUENTIAL FOOTAGE MARKING)
* = Factory Code
Applicable Specifications


Similar Part No. - 76021

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
76021-R118 OHMITE-76021-R118 Datasheet
57Kb / 1P
High Current Round Edgewound
76021-R118 OHMITE-76021-R118 Datasheet
128Kb / 1P
Available for ohmic values other than those listed
76021-R118 OHMITE-76021-R118 Datasheet
128Kb / 1P
High Current Round Edgewound
76021-R157 OHMITE-76021-R157 Datasheet
57Kb / 1P
High Current Round Edgewound
76021-R157 OHMITE-76021-R157 Datasheet
128Kb / 1P
Available for ohmic values other than those listed
More results

Similar Description - 76021

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C4191A GENERAL-C4191A Datasheet
59Kb / 1P
2C 24 AWG 7/32 TC PVC / OAS / PVC COMMUNICATION & CONTROL CABLE
C9201A GENERAL-C9201A Datasheet
69Kb / 1P
3C 24 AWG 7/32 TC PVC / OAS / Braid / PVC
C9206A GENERAL-C9206A Datasheet
71Kb / 1P
15C 24 AWG 7/32 TC PVC / OAS / Braid / PVC
C1356 GENERAL-C1356 Datasheet
57Kb / 1P
2C 24 AWG 7/32 TC BC PVC
logo
Molex Electronics Ltd.
0082247707 MOLEX1-0082247707_17 Datasheet
26Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 24 AWG (7 x 32) Stranded, Tinned, 7 circuits
0082245907 MOLEX1-0082245907_17 Datasheet
26Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 24 AWG (7 x 32) Stranded, Topcoat, 7 circuits
logo
Belden Inc.
9398 BELDEN-9398 Datasheet
194Kb / 2P
Microphone Cable, 3 Conductor 24 AWG, BC
12-20-2022
1812A BELDEN-1812A Datasheet
186Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
1813A BELDEN-1813A Datasheet
184Kb / 2P
Audio Cable, 2 Conductor 24 AWG, BC
01-20-2023
9397 BELDEN-9397 Datasheet
188Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com