Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9398 Datasheet (PDF) - Belden Inc.

9398 Datasheet PDF - Belden Inc.
Part # 9398
Download  9398 Download
File Size   194.61 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Microphone Cable, 3 Conductor 24 AWG, BC

9398 Datasheet (PDF)

Go To PDF Page Download Datasheet
9398 Datasheet PDF - Belden Inc.

Part # 9398
Download  9398 Click to download

File Size   194.61 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Microphone Cable, 3 Conductor 24 AWG, BC

9398 Datasheet (HTML) - Belden Inc.


9398 Product details

Product Description
24 AWG stranded (105x44) high-conductivity bare copper conductors, PVC insulation, double bare copper spiral shield (95% coverage), PVC jacket.




Similar Part No. - 9398

ManufacturerPart #DatasheetDescription
logo
Heyco.
9398 HEYCO-9398 Datasheet
113Kb / 1P
Wire Protector Terminal Blocks
logo
Abbatron All Rights Res...
9398A-9398Q ABBATRON-9398A-9398Q Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results


Similar Description - 9398

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1812A BELDEN-1812A Datasheet
186Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
1813A BELDEN-1813A Datasheet
184Kb / 2P
Audio Cable, 2 Conductor 24 AWG, BC
01-20-2023
8405 BELDEN-8405 Datasheet
200Kb / 3P
Microphone Cable, 5 Conductor 20 AWG, TC
12-20-2022
9397 BELDEN-9397 Datasheet
188Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
1353A BELDEN-1353A Datasheet
143Kb / 2P
Digital Audio Cable, 2 Conductor 24 AWG, BC, CMR
12-20-2022
8406 BELDEN-8406 Datasheet
145Kb / 2P
Microphone Cable, 3 Conductor 24 AWG, TC
12-20-2022
8413 BELDEN-8413 Datasheet
143Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, TC
12-20-2022
9399 BELDEN-9399 Datasheet
170Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, TC
11-09-2022
BE46349 BELDEN-BE46349 Datasheet
288Kb / 2P
MICROPHONE CABLE 24 AWG PVC
03-04-2023
8782 BELDEN-8782 Datasheet
143Kb / 2P
Speaker Cable, 2 Conductor 24 AWG BC, Unshielded, CM
01-20-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com