Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71PL129JC0 Datasheet(PDF) 102 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 102 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 98Page - SPANSION S71PL129JC0 Datasheet HTML 99Page - SPANSION S71PL129JC0 Datasheet HTML 100Page - SPANSION S71PL129JC0 Datasheet HTML 101Page - SPANSION S71PL129JC0 Datasheet HTML 102Page - SPANSION S71PL129JC0 Datasheet HTML 103Page - SPANSION S71PL129JC0 Datasheet HTML 104Page - SPANSION S71PL129JC0 Datasheet HTML 105Page - SPANSION S71PL129JC0 Datasheet HTML 106Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 153 page
background image
100
S71PL129JC0/S71PL129JB0/S71PL129JA0
S71PL129Jxx_00_A8 October 28, 2005
Advance
Info rmation
twc
Write cycle time
55
ns
70
ns
70
ns
tcw
Chip select to
end of write
45
ns
55
ns
70
ns
tas
Address set up
Time
0ns
0
ns
0
ns
taw
Address valid to
end of write
45
ns
55
ns
70
ns
tbw
UB#, LB# valid
to end of write
45
ns
55
ns
70
ns
twp
Write pulse width
45
ns
55
ns
55
ns
twr
Write recovery
time
0ns
0
ns
0
ns
twhz
Write to output
High-Z
25
ns
25
20
ns
tdw
Data to write
time overlap
40
ns
40
ns
25
ns
tdh
Data hold from
write time
0ns
0
ns
0
ns
tow
End write to
output Low-Z
55
5
tow
Write high pulse
width
xx
ns
xx
ns
xx
ns
tpc
Page read cycle
x
x
x
tpa
Page address
access time
xxx
twpc
Page write cycle
x
x
x
tcp
Chip select high
pulse width
xxx
Asynchronous
Version
B
C
Performance Grade
-55
-70
-70
Density
8Mb pSRAM
8Mb pSRAM
8Mb pSRAM
3 Volt
Symbol
Parameter
Min
Max
Units
Min
Max
Units
Min
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com